Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC862 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC862
Description  Dual Ultra-Low-Power Op Amp in SOT23-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC862 Datasheet HTML 6Page - Micrel Semiconductor MIC862 Datasheet HTML 7Page - Micrel Semiconductor MIC862 Datasheet HTML 8Page - Micrel Semiconductor MIC862 Datasheet HTML 9Page - Micrel Semiconductor MIC862 Datasheet HTML 10Page - Micrel Semiconductor MIC862 Datasheet HTML 11Page - Micrel Semiconductor MIC862 Datasheet HTML 12Page - Micrel Semiconductor MIC862 Datasheet HTML 13Page - Micrel Semiconductor MIC862 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Micrel, Inc.
MIC862
July 29, 2014
12
Revision 3.0
Application Information
Power Supply Bypassing
Regular supply bypassing techniques are recommended.
A 10μF capacitor in parallel with a 0.1μF capacitor on
both the positive and negative supplies are ideal. For
best performance all bypassing capacitors should be
located as close to the op amp as possible and all
capacitors
should
be
low
ESL
(equivalent
series
inductance), ESR (equivalent series resistance). Surface-
mount ceramic capacitors are ideal.
Supply and Loading Resistive Considerations
The MIC862 is intended for single-supply applications
configured with a grounded load. It is not advisable to
operate the MIC862 under either of the following
conditions:
A grounded load and split supplies (±V)
A single supply where the load is terminated above
ground.
Under the above conditions, if the load is less than 20k
Ω
and the output swing is greater than 1V (peak), there may
be some instability when the output is sinking current.
Capacitive Load
When driv
ing a large capacitive load, a resistor of 500Ω is
recommended to be connected between the op amp
output and the capacitive load to avoid oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com