Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC862 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC862
Description  Dual Ultra-Low-Power Op Amp in SOT23-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC862 Datasheet HTML 1Page - Micrel Semiconductor MIC862 Datasheet HTML 2Page - Micrel Semiconductor MIC862 Datasheet HTML 3Page - Micrel Semiconductor MIC862 Datasheet HTML 4Page - Micrel Semiconductor MIC862 Datasheet HTML 5Page - Micrel Semiconductor MIC862 Datasheet HTML 6Page - Micrel Semiconductor MIC862 Datasheet HTML 7Page - Micrel Semiconductor MIC862 Datasheet HTML 8Page - Micrel Semiconductor MIC862 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC862
July 29, 2014
3
Revision 3.0
Absolute Maximum Ratings
(1)
Supply Voltage (VV+ to VV-)..........................................+6.0V
Differential Input Voltage (VIN+ to VIN-)
(3) ......................+6.0V
Input Voltage (VIN+ to VIN-) ..................VV+ + 0.3V, VV- - 0.3V
Lead Temperature (soldering, 10s)............................ 260°C
Output Short-Circuit Current Duration....................Indefinite
Operating Temperature .............................
–40°C to +125°C
Storage Temperature (Ts).......................................... 150°C
ESD Rating
(4)................................................. ESD Sensitive
Operating Ratings
(2)
Supply Voltage (V+ to V-) .......................... +2.0V to +5.25V
Ambient Temperature (TA) .......................... –40°C to +85°C
Package Thermal Resistance
JA (Using 4 Layer PCB) .................................. 100°C/W
JC (Using 4 Layer PCB) .................................... 70°C/W
Electrical Characteristics
(5)
V+ = +2V, V- = 0V, VCM = V+/2; RL = 500kΩ to V+/2; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOS
Input Offset Voltage
-6
0.1
6
mV
-5
0.1
5
mV
Differential Offset Voltage
0.5
mV
Input Offset Voltage
Temperature Coefficient
6
µV/°C
IB
Input Bias Current
10
pA
IOS
Input Offset Current
5
pA
VCM
Input Voltage Range (from V-)
CMRR > 50dB
0.5
1
V
CMRR
Common-Mode Rejection Ratio
0 < VCM < 1V
45
75
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change of 2V to 2.7V
50
78
dB
AVOL
Large-Signal Voltage Gain
RL = 5kΩ, VOUT = 1.4VPP
66
74
dB
RL = 100kΩ, VOUT = 1.4VPP
75
89
dB
RL = 500kΩ, VOUT = 1.4VPP
85
100
dB
VOUT
Maximum Output Voltage Swing
RL = 5kΩ
V+ -80mV
V+ -55mV
V
RL = 500kΩ
V+ -3mV
V+ -1.4mV
V
VOUT
Minimum Output Voltage Swing
RL = 5kΩ
V- +14mV
V- +20mV
V
RL = 500kΩ
V- +0.85mV
V- +3mV
V
GBW
Gain-Bandwidth Product
RL = 20kΩ, CL = 2pF, AV = 11
2.1
MHz
PM
Phase Margin
RL = 20kΩ, CL = 2pF, AV = 11
57
°
BW
–3dB Bandwidth
RL = 1MΩ, CL = 2pF, AV = 1
4.2
MHz
SR
Slew Rate
RL = 1MΩ, CL = 2pF, AV = 1
Positive Slew Rate = 1.5V/µs
2
V/µs
ISC
Short-Circuit Ouptut Current
Source
1.8
2.6
mA
Sink
1.5
2.2
mA
IS
Supply Current (per Op Amp)
No Load
27
43
µA
Channel-to-Channel Crosstalk
Note 6
-100
dB
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
The device is not guaranteed to function outside its operating ratings.
3.
Exceeding the maximum differential input voltage will damage the input stage and degrade performance. In particular, input bias current is likely to
increase.
4.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
5.
Specification for packaged product only.
6.
DC signal referenced to input. Refer to Typical Characteristics graphs for AC performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com