Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA50M65DF2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGWA50M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 50 A low loss
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA50M65DF2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGWA50M65DF2 Datasheet HTML 2Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 3Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 4Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 5Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 6Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 7Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 8Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 9Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STGWA50M65DF2
6/16
DocID028694 Rev 2
Table 7: Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 50 A, VR = 400 V,
VGE = 15 V
(see Figure 29: " Test circuit
for inductive load switching")
di/dt = 1000 A/µs
-
162
-
ns
Qrr
Reverse recovery charge
-
1.37
-
µC
Irrm
Reverse recovery current
-
19
-
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
420
-
A/µs
Err
Reverse recovery energy
-
192
-
µJ
trr
Reverse recovery time
IF = 50 A, VR = 400 V,
VGE = 15 V, TJ = 175 °C
(see Figure 29: " Test circuit
for inductive load switching")
di/dt = 1000 A/µs
-
262
-
ns
Qrr
Reverse recovery charge
-
5.1
-
µC
Irrm
Reverse recovery current
-
34
-
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
160
-
A/µs
Err
Reverse recovery energy
-
676
-
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com