Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA50M65DF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGWA50M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 50 A low loss
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA50M65DF2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGWA50M65DF2 Datasheet HTML 1Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 2Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 3Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 4Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 5Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 6Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 7Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 8Page - STMicroelectronics STGWA50M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
June 2016
DocID028694 Rev 2
1/16
This is information on a product in full production.
www.st.com
STGWA50M65DF2
Trench gate field-stop IGBT, M series 650 V, 50 A low loss
Datasheet - production data
Figure 1: Internal schematic diagram
Features
6 µs of minimum short-circuit withstand time
VCE(sat) = 1.65 V (typ.) @ IC = 50 A
Tight parameters distribution
Safer paralleling
Low thermal resistance
Soft and very fast recovery antiparallel diode
Applications
Motor control
UPS
PFC
Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the M series
IGBTs, which represent an optimal balance
between inverter system performance and
efficiency where low-loss and short-circuit
functionality are essential. Furthermore, the
positive VCE(sat) temperature coefficient and tight
parameter distribution result in safer paralleling
operation.
Table 1: Device summary
Order code
Marking
Package
Packing
STGWA50M65DF2
G50M65DF2
TO-247 long leads
Tube


Similar Part No. - STGWA50M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA50HP65FB2 STMICROELECTRONICS-STGWA50HP65FB2 Datasheet
542Kb / 15P
Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a TO-247 long leads package
05-Dec-2019
STGWA50IH65DF STMICROELECTRONICS-STGWA50IH65DF Datasheet
313Kb / 14P
Trench gate field-stop 650 V, 50 A, soft switching IH series IGBT in a TO-247 long leads package
15-Apr-2020
More results

Similar Description - STGWA50M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low loss
13-Nov-2015
STGB10M65DF2 STMICROELECTRONICS-STGB10M65DF2 Datasheet
1Mb / 20P
Trench gate field-stop IGBT, M series 650 V, 10 A low loss
20-Oct-2015
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
STGB4M65DF2 STMICROELECTRONICS-STGB4M65DF2 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGF4M65DF2 STMICROELECTRONICS-STGF4M65DF2 Datasheet
983Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGW75M65DF2 STMICROELECTRONICS-STGW75M65DF2 Datasheet
1,005Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 75 A low loss
15-Jun-2016
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2_V01 Datasheet
448Kb / 20P
Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
05-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com