Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F301X6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F301X6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 9Page - STMicroelectronics STM32F301X6 Datasheet HTML 10Page - STMicroelectronics STM32F301X6 Datasheet HTML 11Page - STMicroelectronics STM32F301X6 Datasheet HTML 12Page - STMicroelectronics STM32F301X6 Datasheet HTML 13Page - STMicroelectronics STM32F301X6 Datasheet HTML 14Page - STMicroelectronics STM32F301X6 Datasheet HTML 15Page - STMicroelectronics STM32F301X6 Datasheet HTML 16Page - STMicroelectronics STM32F301X6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 135 page
background image
DocID025146 Rev 6
13/135
STM32F301x6 STM32F301x8
Functional overview
51
3
Functional overview
3.1
ARM® Cortex®-M4 core with FPU, embedded Flash and
SRAM
The ARM® Cortex®-M4 processor with FPU is the latest generation of ARM processors for
embedded systems. It was developed to provide a low-cost platform that meets the needs of
MCU implementation, with a reduced pin count and low-power consumption, while
delivering outstanding computational performance and an advanced response to interrupts.
The ARM® Cortex®-M4 32-bit RISC processor with FPU features exceptional code-
efficiency, delivering the high-performance expected from an ARM core in the memory size
usually associated with 8- and 16-bit devices.
The processor supports a set of DSP instructions which allow efficient signal processing and
complex algorithm execution. Its single-precision FPU speeds up software development by
using metalanguage development tools while avoiding saturation.
With its embedded ARM core, the STM32F301x6/8 family is compatible with all ARM tools
and software.
Figure 1 shows the general block diagram of the STM32F301x6/8 family devices.
3.2
Memories
3.2.1
Embedded Flash memory
All STM32F301x6/8 devices feature up to 64 Kbytes of embedded Flash memory available
for storing programs and data. The Flash memory access time is adjusted to the CPU clock
frequency (0 wait state from 0 to 24 MHz, 1 wait state from 24 to 48 MHz and 2 wait states
above).
3.2.2
Embedded SRAM
STM32F301x6/8 devices feature 16 Kbytes of embedded SRAM.
3.3
Boot modes
At startup, BOOT0 pin and BOOT1 option bit are used to select one of three boot options:
•
Boot from user Flash
•
Boot from system memory
•
Boot from embedded SRAM
The boot loader is located in system memory. It is used to reprogram the Flash memory by
using USART1 (PA9/PA10) and USART2 (PA2/PA3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com