Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F301x8 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32F301x8
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301x8 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32F301x8 Datasheet HTML 32Page - STMicroelectronics STM32F301x8 Datasheet HTML 33Page - STMicroelectronics STM32F301x8 Datasheet HTML 34Page - STMicroelectronics STM32F301x8 Datasheet HTML 35Page - STMicroelectronics STM32F301x8 Datasheet HTML 36Page - STMicroelectronics STM32F301x8 Datasheet HTML 37Page - STMicroelectronics STM32F301x8 Datasheet HTML 38Page - STMicroelectronics STM32F301x8 Datasheet HTML 39Page - STMicroelectronics STM32F301x8 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 135 page
background image
Table 13. STM32F301x6/8 pin definitions
Pin Number
Pin name
(function after reset)
Alternate
functions
Additional
functions
-
B6
1
1
VBAT
S
-
-
Backup power supply
-D5
2
2
PC13(1) TAMPER1
WKUP2 (PC13)
I/O
TC
(1)
TIM1_CH1N
WKUP2, RTC_TAMP1,
RTC_TS, RTC_OUT
-C7
3
3
PC14(1) OSC32_IN
(PC14)
I/O
TC
(1)
-
OSC32_IN
-C6
4
4
PC15(1) OSC32_OUT
(PC14)
I/O
TC
(1)
-
OSC32_OUT
2
D7
5
5
PF0 OSC_IN (PF0)
I/O
FTf
-
I2C2_SDA, SPI2_NSS/I2S2_WS,
TIM1_CH3N
OSC_IN
3
D6
6
6
PF1 OSC_OUT (PF1)
O
FTf
-
I2C2_SCL, SPI2_SCK/I2S2_CK
OSC_OUT
4
E7
7
7
NRST
I/O
RST
-
Device reset input/internal reset output (active low)
-
-
-
8
PC0
I/O
TTa
-
EVENTOUT, TIM1_CH1
ADC1_IN6
-
-
-
9
PC1
I/O
TTa
-
EVENTOUT, TIM1_CH2
ADC1_IN7
-
-
-
10
PC2
I/O
TTa
-
EVENTOUT, TIM1_CH3
ADC1_IN8
---
11
PC3
I/O
TTa
-
EVENTOUT, TIM1_CH4,
TIM1_BKIN2
ADC1_IN9
6
E6
8
12
VSSA/VREF-
S
-
-
Analog ground/Negative reference voltage
5
A6
9
13
VDDA/VREF+
S
-
-
Analog power supply/Positive reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com