Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F301x8 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32F301x8
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301x8 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F301x8 Datasheet HTML 35Page - STMicroelectronics STM32F301x8 Datasheet HTML 36Page - STMicroelectronics STM32F301x8 Datasheet HTML 37Page - STMicroelectronics STM32F301x8 Datasheet HTML 38Page - STMicroelectronics STM32F301x8 Datasheet HTML 39Page - STMicroelectronics STM32F301x8 Datasheet HTML 40Page - STMicroelectronics STM32F301x8 Datasheet HTML 41Page - STMicroelectronics STM32F301x8 Datasheet HTML 42Page - STMicroelectronics STM32F301x8 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 135 page
background image
-
F1
27
35
PB14
I/O
TTa
-
TIM15_CH1, TSC_G6_IO4,
SPI2_MISO/I2S2ext_SD,
TIM1_CH2N, USART3_RTS_DE,
EVENTOUT
OPAMP2_VINP
-
E1
28
36
PB15
I/O
TTa
-
RTC_REFIN, TIM15_CH2,
TIM15_CH1N, TIM1_CH3N,
SPI2_MOSI/I2S2_SD, EVENTOUT
COMP6_INM
---
37
PC6
I/O
FT
-
EVENTOUT, I2S2_MCK,
COMP6_OUT
-
-
-
-
38
PC7
I/O
FT
-
EVENTOUT, I2S3_MCK
-
-
-
-
39
PC8
I/O
FT
-
EVENTOUT
-
-
-
-
40
PC9
I/O
FTf
-
EVENTOUT, I2C3_SDA, I2SCKIN
-
18
D1
29
41
PA8
I/O
FT
-
MCO, I2C3_SCL, I2C2_SMBAL,
I2S2_MCK, TIM1_CH1,
USART1_CK, EVENTOUT
-
19
D2
30
42
PA9
I/O
FTf
-
I2C3_SMBAL, TSC_G4_IO1,
I2C2_SCL, I2S3_MCK, TIM1_CH2,
USART1_TX, TIM15_BKIN,
TIM2_CH3, EVENTOUT
-
Table 13. STM32F301x6/8 pin definitions (continued)
Pin Number
Pin name
(function after reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com