Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP200N3LL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP200N3LL
Description  N-channel 30 V, 2.15 m(ohm) typ., 120 A Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP200N3LL Datasheet(HTML) 4 Page - STMicroelectronics

  STP200N3LL Datasheet HTML 1Page - STMicroelectronics STP200N3LL Datasheet HTML 2Page - STMicroelectronics STP200N3LL Datasheet HTML 3Page - STMicroelectronics STP200N3LL Datasheet HTML 4Page - STMicroelectronics STP200N3LL Datasheet HTML 5Page - STMicroelectronics STP200N3LL Datasheet HTML 6Page - STMicroelectronics STP200N3LL Datasheet HTML 7Page - STMicroelectronics STP200N3LL Datasheet HTML 8Page - STMicroelectronics STP200N3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STP200N3LL
4/13
DocID028758 Rev 2
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 1 mA
30
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 30 V
1
µA
VGS = 0 V, VDS = 30 V,
Tcase = 125 °C(1)
10
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 60 A
2.15
2.4
VGS = 4.5 V, ID = 60 A
2.5
3.1
Notes:
(1)Defined by design, not subject to production test.
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz, VGS = 0 V
-
5200
-
pF
Coss
Output
capacitance
-
640
-
Crss
Reverse transfer
capacitance
-
510
-
Qg
Total gate charge
VDD = 15 V, ID = 120 A, VGS = 4.5 V
(see Figure 14: "Test circuit for gate
charge behavior")
-
53
-
nC
Qgs
Gate-source
charge
-
13
-
Qgd
Gate-drain
charge
-
27
-
RG
Intrinsic gate
resistance
f = 1 MHz, ID = 0 A, gate DC bias = 0 V,
magnitude of alternative signal = 20 mV
-
1.1
-
Ω
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay
time
VDD = 15 V, ID = 60 A RG = 4.7
Ω,
VGS = 10 V (see Figure 13: "Test circuit
for resistive load switching times" and
Figure 18: "Switching time waveform")
-
18
-
ns
tr
Rise time
-
183
-
td(off)
Turn-off delay
time
-
90
-
tf
Fall time
-
108
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com