Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP200N3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP200N3LL
Description  N-channel 30 V, 2.15 m(ohm) typ., 120 A Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP200N3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STP200N3LL Datasheet HTML 1Page - STMicroelectronics STP200N3LL Datasheet HTML 2Page - STMicroelectronics STP200N3LL Datasheet HTML 3Page - STMicroelectronics STP200N3LL Datasheet HTML 4Page - STMicroelectronics STP200N3LL Datasheet HTML 5Page - STMicroelectronics STP200N3LL Datasheet HTML 6Page - STMicroelectronics STP200N3LL Datasheet HTML 7Page - STMicroelectronics STP200N3LL Datasheet HTML 8Page - STMicroelectronics STP200N3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2016
DocID028758 Rev 2
1/13
This is information on a product in full production.
www.st.com
STP200N3LL
N-
channel 30 V, 2.15 mΩ typ., 120 A Power MOSFET
in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)
max.
ID
PTOT
STP200N3LL
30 V
2.4 mΩ
120 A
176.5 W
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is an N-channel Power MOSFET with
very low RDS(on) in all packages.
Table 1: Device summary
Order code
Marking
Package
Packing
STP200N3LL
200N3LL
TO-220
Tube
AM01475v1_Tab
D(2, TAB)
G(1)
S(3)


Similar Part No. - STP200N3LL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP200N3LL ISC-STP200N3LL Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP200N3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5N80K5 STMICROELECTRONICS-STP5N80K5 Datasheet
723Kb / 13P
N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220 package
02-May-2016
STP11N60DM2 STMICROELECTRONICS-STP11N60DM2 Datasheet
716Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220 package
17-Jun-2016
STP80N240K6 STMICROELECTRONICS-STP80N240K6 Datasheet
259Kb / 13P
N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a TO-220 package
February 2022
STP22N60M6 STMICROELECTRONICS-STP22N60M6 Datasheet
452Kb / 13P
N-channel 600 V, 196 m typ., 15 A, MDmesh™ M6 Power MOSFET in a TO-220 package
November 2018 Rev 1
STP24N60M6 STMICROELECTRONICS-STP24N60M6 Datasheet
268Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-220 package
01-Aug-2018
STP46N60M6 STMICROELECTRONICS-STP46N60M6 Datasheet
461Kb / 13P
N-channel 600 V, 68 m typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220 package
22-Nov-2019
STP50N65DM6 STMICROELECTRONICS-STP50N65DM6 Datasheet
248Kb / 11P
N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
28-Jul-2020
STP65N150M9 STMICROELECTRONICS-STP65N150M9 Datasheet
225Kb / 12P
N-channel 650 V, 128 m typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
19-Jul-2022
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
16-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com