Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER013LS Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER013LS
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER013LS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER013LS Datasheet HTML 6Page - STMicroelectronics VIPER013LS Datasheet HTML 7Page - STMicroelectronics VIPER013LS Datasheet HTML 8Page - STMicroelectronics VIPER013LS Datasheet HTML 9Page - STMicroelectronics VIPER013LS Datasheet HTML 10Page - STMicroelectronics VIPER013LS Datasheet HTML 11Page - STMicroelectronics VIPER013LS Datasheet HTML 12Page - STMicroelectronics VIPER013LS Datasheet HTML 13Page - STMicroelectronics VIPER013LS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Electrical and thermal ratings
VIPer01
10/36
DocID028751 Rev 1
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
OLP and timing
IDLIM
Drain current limitation
TJ = 25 °C
VIPer011*
114
120
126
mA
TJ = 25 °C
VIPer012*
228
240
252
TJ = 25 °C
VIPer013*
342
360
378
I2f
Power coefficient
IDLIM_TYP2x
FOSC_TYP
0.9 ·I2f
I2f
1.1 ·I2f
A2·kHz
IDLIM_PFM
Drain current limitation at
light load
TJ = 25 °C
VCOMP = VCOMPL(1)
VIPer011*
23
35
47
mA
TJ = 25 °C
VCOMP = VCOMPL(1)
VIPer012*
45
65
85
TJ = 25 °C
VCOMP = VCOMPL(1)
VIPer013*
60
80
100
VDISth
Disable threshold voltage
VCC = 9 V
VCOMP = 1 V
VFB = VFB_REF
1.15
1.2
1.25
V
tDIS
Debounce time before
DIS protection tripping
0.65
1
1.35
ms
tDIS_RESTART
Restart time after DIS
protection tripping
325
500
675
ms
tOVL
Overload delay time
45
50
55
ms
tOVL_MAX
Max. overload delay time
VIPer01*X
FOSC = FOSC MIN
90
100
110
ms
VIPer01*L
FOSC = FOSC MIN
180
200
220
VIPer01*H
FOSC = FOSC MIN
360
400
440
tSS
Soft-start time
5
8
11
ms
tON_MIN
Minimum turn-on time
VCC = 9 V
VCOMP = 1 V
VFB = VFB_REF
250
360
ns
tRESTART
Restart time after fault
0.65
1
1.35
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com