Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER013LS Datasheet(PDF) 22 Page - STMicroelectronics

Part # VIPER013LS
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER013LS Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VIPER013LS Datasheet HTML 18Page - STMicroelectronics VIPER013LS Datasheet HTML 19Page - STMicroelectronics VIPER013LS Datasheet HTML 20Page - STMicroelectronics VIPER013LS Datasheet HTML 21Page - STMicroelectronics VIPER013LS Datasheet HTML 22Page - STMicroelectronics VIPER013LS Datasheet HTML 23Page - STMicroelectronics VIPER013LS Datasheet HTML 24Page - STMicroelectronics VIPER013LS Datasheet HTML 25Page - STMicroelectronics VIPER013LS Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
General description
VIPer01
22/36
DocID028751 Rev 1
4.11
Overload protection
To manage the overload condition, the IC embeds the following main blocks: the OCP
comparator to turn off the power MOSFET when the drain current reaches its limit (IDLIM) ,
the up and down OCP counter to define the turn-off delay time in case of continuous
overload (tOVL = 50 ms typ.) and the timer to define the restart time after protection tripping
(tRESTART = 1 s typ.).
In case of short-circuit or overload, the control level on the inverting input of the PWM
comparator is greater than the reference level fed into the inverting input of the OCP
comparator. As a result, the cycle-by-cycle turn-off of the power switch is triggered by the
OCP comparator instead of PWM comparator. Every cycle where this condition is met, the
OCP counter is incremented and if the fault condition lasts longer than tOVL (corresponding
to the counter end-of-count), the protection is tripped, the PWM is disabled for tRESTART,
then it resumes switching with soft-start and, if the fault is still present, it is disabled again
after tOVL. The OLP management prevents IC from operating indefinitely at IDLIM and the low
repetition rate of the restart attempts of the converter avoids IC overheating in case of
repeated fault events.
After the fault removal, the IC resumes working normally. If the fault is removed earlier than
the protection tripping (before tOVL), the tOVL-counter is decremented on a cycle-by-cycle
basis down to zero and the protection is not tripped. If the fault is removed during tRESTART,
the IC waits for the tRESTART period has elapsed before resuming switching.
In fault condition the VCC ranges between VCSon and VCCon levels, due to the periodical
activation of the HV current source recharging the VCC capacitor.
Figure 29: Short-circuit condition
4.12
Max. duty cycle counter protection
The IC embeds a max. duty cycle counter, which disables the PWM if the MOSFET is
turned off by max. duty cycle (70% min., 80% max.) for ten consecutive switching cycles.
After protection tripping, the PWM is stopped for tRESTART and then activated again with soft-
start phase until the fault condition is removed.
In some cases (i.e. breaking of the loop) even if VCOMP is saturated high, the OLP cannot be
triggered because at every switching cycle the PWM is turned off by maximum duty cycle
before than DRAIN peak current reaches the IDLIM setpoint. As a result, the output voltage
VOUT can increase without control by keeping a value much higher than the nominal one
with the risk for the output capacitor, the output diode and the IC itself. The max. duty cycle
counter protection avoids this kind of failures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com