Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER012HS Datasheet(PDF) 15 Page - STMicroelectronics

Part # VIPER012HS
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER012HS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VIPER012HS Datasheet HTML 11Page - STMicroelectronics VIPER012HS Datasheet HTML 12Page - STMicroelectronics VIPER012HS Datasheet HTML 13Page - STMicroelectronics VIPER012HS Datasheet HTML 14Page - STMicroelectronics VIPER012HS Datasheet HTML 15Page - STMicroelectronics VIPER012HS Datasheet HTML 16Page - STMicroelectronics VIPER012HS Datasheet HTML 17Page - STMicroelectronics VIPER012HS Datasheet HTML 18Page - STMicroelectronics VIPER012HS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
VIPer01
Typical electrical characteristics
DocID028751 Rev 1
15/36
Figure 22: SOA SSOP10 package
* When mounted on a standard single side FR4 board
with 50 mm2
(0.077 sq in) of Cu (35 μm thick).
Figure 23: Maximum avalanche energy vs TJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com