Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER012HS Datasheet(PDF) 19 Page - STMicroelectronics

Part # VIPER012HS
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER012HS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VIPER012HS Datasheet HTML 15Page - STMicroelectronics VIPER012HS Datasheet HTML 16Page - STMicroelectronics VIPER012HS Datasheet HTML 17Page - STMicroelectronics VIPER012HS Datasheet HTML 18Page - STMicroelectronics VIPER012HS Datasheet HTML 19Page - STMicroelectronics VIPER012HS Datasheet HTML 20Page - STMicroelectronics VIPER012HS Datasheet HTML 21Page - STMicroelectronics VIPER012HS Datasheet HTML 22Page - STMicroelectronics VIPER012HS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
VIPer01
General description
DocID028751 Rev 1
19/36
4.5
Soft-start
The internal soft-start function of the device progressively increases the cycle-by-cycle
current limitation set point from zero up to IDLIM in 8 steps. The soft-start time, tSS, is
internally set at 8 ms. This function is activated at any attempt of converter startup and at
any restart after a fault event. The feature protects the system at the startup when the
output load occurs like a short-circuit and the converter works at its maximum drain current
limitation.
Figure 27: Soft startup
4.6
Oscillator
The IC embeds a fixed frequency oscillator with jittering feature. The switching frequency is
modulated by approximately ± 7% kHz FOSC at 260 Hz rate. The purpose of the jittering is
to get a spread-spectrum action that distributes the energy of each harmonic of the
switching frequency over a number of frequency bands, having the same energy on the
whole but smaller amplitudes. This helps to reduce the conducted emissions, especially
when measured with the average detection method or, which is the same, to pass the EMI
tests with an input filter of smaller size than that needed in absence of jittering feature.
Three options with different switching frequencies, FOSC, are available: 30 (X type), 60 (L
type) and 120 kHz (H type).
4.7
Pulse-skipping
The IC embeds a pulse-skip circuit that operates in the following ways:
each time the DRAIN peak current exceeds IDLIM level within tON_MIN, the switching
cycle is skipped. The cycles can be skipped until the minimum switching frequency is
reached, FOSC_MIN (15 kHz).
each time the DRAIN peak current does not exceed IDLIM within tON_MIN, a switching
cycle is restored. The cycles can be restored until the nominal switching frequency is
reached, FOSC (30 or 60 or 120 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com