Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER011XSTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER011XSTR
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER011XSTR Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER011XSTR Datasheet HTML 1Page - STMicroelectronics VIPER011XSTR Datasheet HTML 2Page - STMicroelectronics VIPER011XSTR Datasheet HTML 3Page - STMicroelectronics VIPER011XSTR Datasheet HTML 4Page - STMicroelectronics VIPER011XSTR Datasheet HTML 5Page - STMicroelectronics VIPER011XSTR Datasheet HTML 6Page - STMicroelectronics VIPER011XSTR Datasheet HTML 7Page - STMicroelectronics VIPER011XSTR Datasheet HTML 8Page - STMicroelectronics VIPER011XSTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
List of figures
VIPer01
4/36
DocID028751 Rev 1
List of figures
Figure 1: Basic application schematic ........................................................................................................1
Figure 2: Connection diagram ....................................................................................................................5
Figure 3: RthJA/(RthJA@A=100 mm²) ............................................................................................................7
Figure 4: IDLIM vs TJ ...................................................................................................................................12
Figure 5: FOSC vs TJ...................................................................................................................................12
Figure 6: VHV_START vs TJ ...........................................................................................................................12
Figure 7: VFB_REF vs TJ ..............................................................................................................................12
Figure 8: Quiescent current Iq vs TJ .........................................................................................................12
Figure 9: Operating current ICC vs TJ ........................................................................................................12
Figure 10: ICH1 vs TJ ..................................................................................................................................13
Figure 11: ICH1 vs VDRAIN............................................................................................................................13
Figure 12: ICH2 vs TJ ..................................................................................................................................13
Figure 13: ICH2 vs VDRAIN............................................................................................................................13
Figure 14: ICH3 vs TJ ..................................................................................................................................13
Figure 15: ICH3 vs VDRAIN............................................................................................................................13
Figure 16: GM vs TJ ...................................................................................................................................14
Figure 17: ICOMP vs TJ................................................................................................................................14
Figure 18: RDS(on) vs TJ..............................................................................................................................14
Figure 19: Static drain-source on-resistance ............................................................................................14
Figure 20: VBVDSS vs TJ .............................................................................................................................14
Figure 21: Output characteristic................................................................................................................14
Figure 22: SOA SSOP10 package ...........................................................................................................15
Figure 23: Maximum avalanche energy vs TJ...........................................................................................15
Figure 24: Block diagram ..........................................................................................................................16
Figure 25: IC supply modes: self-supply and external supply ..................................................................17
Figure 26: Power-ON and power-OFF......................................................................................................18
Figure 27: Soft startup ..............................................................................................................................19
Figure 28: Pulse-skipping during startup ..................................................................................................20
Figure 29: Short-circuit condition ..............................................................................................................22
Figure 30: Connection for input overvoltage protection (isolated or non-isolated topologies) .................23
Figure 31: Connection for output overvoltage protection (non-isolated topologies) .................................24
Figure 32: Thermal shutdown timing diagram ..........................................................................................25
Figure 33: Flyback converter (non-isolated) .............................................................................................26
Figure 34: Flyback converter with line OVP (non-isolated) ......................................................................26
Figure 35: Flyback converter (isolated) ....................................................................................................27
Figure 36: Primary side regulation isolated flyback converter ..................................................................27
Figure 37: Buck converter (positive output) ..............................................................................................28
Figure 38: Buck-boost converter (negative output) ..................................................................................28
Figure 39: PIN versus VIN in no-load, VOUT = 5 V.......................................................................................29
Figure 40: PIN versus VIN in light load, VOUT = 5 V ....................................................................................29
Figure 41: Recommended routing for flyback converter...........................................................................31
Figure 42: Recommended routing for buck converter ..............................................................................31
Figure 43: SSOP10 package outline ........................................................................................................32
Figure 44: SSOP10 recommended footprint.............................................................................................33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com