Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER011XSTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER011XSTR
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER011XSTR Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER011XSTR Datasheet HTML 1Page - STMicroelectronics VIPER011XSTR Datasheet HTML 2Page - STMicroelectronics VIPER011XSTR Datasheet HTML 3Page - STMicroelectronics VIPER011XSTR Datasheet HTML 4Page - STMicroelectronics VIPER011XSTR Datasheet HTML 5Page - STMicroelectronics VIPER011XSTR Datasheet HTML 6Page - STMicroelectronics VIPER011XSTR Datasheet HTML 7Page - STMicroelectronics VIPER011XSTR Datasheet HTML 8Page - STMicroelectronics VIPER011XSTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
March 2016
DocID028751 Rev 1
1/36
This is information on a product in full production.
www.st.com
VIPer01
Energy saving off-line high voltage converter
Datasheet - production data
Figure 1: Basic application schematic
Features
800 V avalanche-rugged power MOSFET
allowing ultra wide VAC input range to be
covered
Embedded HV startup and sense-FET
Current mode PWM controller
Drain current limit protection (OCP)
Wide supply voltage range: 4.5 V to 30 V
Self-supply option allows the auxiliary
winding or bias components to be removed
Minimized system input power consumption:
Less than 10 mW @ 230 VAC in no-load
condition
Less than 400 mW @ 230 VAC with
250 mW load
Jittered switching frequency reduces the
EMI filter cost:
30 kHz ± 7% (type X)
60 kHz ± 7% (type L)
120 kHz ± 7% (type H)
Embedded E/A with 1.2 V reference
Protections with automatic restart:
overload/short-circuit (OLP), line or output
OVP, max. duty cycle counter, VCC clamp
Pulse-skip protection to prevent
flux-runaway
Embedded thermal shutdown
Built-in soft-start for improved system
reliability
Applications
Low power SMPS for home appliances,
building and home control, small industrial,
consumers, lighting, motion control
Low power adapters
Description
The device is a high voltage converter smartly
integrating an 800 V avalanche-rugged power
MOSFET with PWM current mode control. The
power MOSFET with 800 V breakdown voltage
allows the extended input voltage range to be
applied, as well as the size of the DRAIN snubber
circuit to be reduced. This IC meets the most
stringent energy-saving standards as it has very
low consumption and operates in pulse frequency
modulation under light load. The design of
flyback, buck and buck boost converters is
supported. The integrated HV startup, sense-
FET, error amplifier and oscillator with jitter allow
a complete application to be designed with the
minimum number of components.


Similar Part No. - VIPER011XSTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER06 STMICROELECTRONICS-VIPER06 Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
VIPER06HN STMICROELECTRONICS-VIPER06HN Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
VIPER06HN STMICROELECTRONICS-VIPER06HN Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
VIPER06HS STMICROELECTRONICS-VIPER06HS Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
VIPER06HS STMICROELECTRONICS-VIPER06HS Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
More results

Similar Description - VIPER011XSTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER17 STMICROELECTRONICS-VIPER17 Datasheet
1Mb / 31P
Off-line high voltage converters
19-Feb-2008
VIPER28 STMICROELECTRONICS-VIPER28 Datasheet
1Mb / 29P
Off-line high voltage converters
30-Sep-2008
VIPER17_0810 STMICROELECTRONICS-VIPER17_0810 Datasheet
1Mb / 33P
Off-line high voltage converters
30-Sep-2008
logo
Monolithic Power System...
MP155 MPS-MP155 Datasheet
637Kb / 20P
Energy Efficient Off-line Regulator
logo
STMicroelectronics
VIPER25HN STMICROELECTRONICS-VIPER25HN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
STMicroelectronics
VIPER35 STMICROELECTRONICS-VIPER35 Datasheet
1Mb / 44P
Quasi-resonant high performance off line high voltage converter
VIPER0P STMICROELECTRONICS-VIPER0P Datasheet
1Mb / 36P
Zero-power off-line high voltage converter
12-Apr-2016
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER11 STMICROELECTRONICS-VIPER11 Datasheet
1Mb / 37P
Energy saving offline high voltage converter
07-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com