Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER012XSTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER012XSTR
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER012XSTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER012XSTR Datasheet HTML 2Page - STMicroelectronics VIPER012XSTR Datasheet HTML 3Page - STMicroelectronics VIPER012XSTR Datasheet HTML 4Page - STMicroelectronics VIPER012XSTR Datasheet HTML 5Page - STMicroelectronics VIPER012XSTR Datasheet HTML 6Page - STMicroelectronics VIPER012XSTR Datasheet HTML 7Page - STMicroelectronics VIPER012XSTR Datasheet HTML 8Page - STMicroelectronics VIPER012XSTR Datasheet HTML 9Page - STMicroelectronics VIPER012XSTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Electrical and thermal ratings
VIPer01
6/36
DocID028751 Rev 1
2
Electrical and thermal ratings
Table 2: Absolute maximum ratings
Symbol
Pin
Parameter (1)(2)
Min.
Max.
Unit
VDS
6 to 10
Drain-to-source (ground) voltage
-0.3
800
V
IDRAIN
6 to 10
Pulsed drain current (pulse-width limited by
SOA)
2
A
VCC
2
VCC voltage
-0.3
Internally
limited
V
ICC
2
VCC internal Zener current (pulsed)
45 (3)
mA
VDIS
3
DIS voltage
-0.3
4.25 (4)
V
VFB
4
FB voltage
-0.3
4.25 (4)
V
VCOMP
5
COMP voltage
-0.3
5.25 (4)
V
PTOT
Power dissipation @ Tamb < 50 °C
1 (5)
W
TJ
Junction temperature operating range
-40
150
°C
TSTG
Storage temperature
-55
150
°C
Notes:
(1)Stresses beyond those listed absolute maximum ratings may cause permanent damage to the device.
(2)Exposure to absolute-maximum-rated conditions for extended periods may affect the device reliability.
(3) Pulse-width limited by maximum power dissipation, PTOT.
(4) The AMR value is intended when VCC ≥ 5 V, otherwise the value VCC + 0.3 V has to be considered.
(5) When mounted on a standard single side FR4 board with 100 mm² (0.1552 inch) of Cu (35 μm thick).
Table 3: Thermal data
Symbol
Parameter
Max. value
Unit
SSOP10
RthJP
Thermal resistance junction-pin
35
°C/W
RthJA(1)
Thermal resistance junction-ambient (dissipated power 1 W)
145
Thermal resistance junction-ambient (dissipated power 1 W) (2)
90
Notes:
(1)Derived by characterization.
(2)When mounted on a standard single side FR4 board with 100 mm² (0.1552 inch) of Cu (35 µm thick).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com