Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER012XSTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER012XSTR
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER012XSTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER012XSTR Datasheet HTML 3Page - STMicroelectronics VIPER012XSTR Datasheet HTML 4Page - STMicroelectronics VIPER012XSTR Datasheet HTML 5Page - STMicroelectronics VIPER012XSTR Datasheet HTML 6Page - STMicroelectronics VIPER012XSTR Datasheet HTML 7Page - STMicroelectronics VIPER012XSTR Datasheet HTML 8Page - STMicroelectronics VIPER012XSTR Datasheet HTML 9Page - STMicroelectronics VIPER012XSTR Datasheet HTML 10Page - STMicroelectronics VIPER012XSTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
VIPer01
Electrical and thermal ratings
DocID028751 Rev 1
7/36
Figure 3: RthJA/(RthJA@A=100 mm²)
Table 4: Avalanche characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IAR
Avalanche current
Repetitive and non-repetitive
Pulse-width limited by TJmax
0.8
A
EAS
Single pulse avalanche
energy (1)
L = 1 mH
IAS = 0.8 A
VDS = 50 V
RG
= 47 Ω
Starting TJ = 25 °C
1
mJ
Notes:
(1)Parameter derived by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com