Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER013HSTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER013HSTR
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER013HSTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER013HSTR Datasheet HTML 4Page - STMicroelectronics VIPER013HSTR Datasheet HTML 5Page - STMicroelectronics VIPER013HSTR Datasheet HTML 6Page - STMicroelectronics VIPER013HSTR Datasheet HTML 7Page - STMicroelectronics VIPER013HSTR Datasheet HTML 8Page - STMicroelectronics VIPER013HSTR Datasheet HTML 9Page - STMicroelectronics VIPER013HSTR Datasheet HTML 10Page - STMicroelectronics VIPER013HSTR Datasheet HTML 11Page - STMicroelectronics VIPER013HSTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Electrical and thermal ratings
VIPer01
8/36
DocID028751 Rev 1
2.1
Electrical characteristics
Tj = -40 to 125 °C, VCC = 9 V (unless otherwise specified).
Table 5: Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBVDSS
Breakdown voltage
IDRAIN = 1 mA
VCOMP = GND
TJ = 25 °C
800
V
IDSS
Drain-source leakage
current
VDS = 400 V
VCOMP = GND
TJ = 25 °C
1
µA
IOFF
OFF-state drain current
VDRAIN = max.
rating
VCOMP = GND
TJ = 25 °C
45
RDS(on)
Static drain-source
ON-resistance
IDRAIN = 360 mA
TJ = 25 °C
30
Ω
IDRAIN = 360 mA
TJ = 125 °C
60
COSS EQ
Equivalent output
capacitance
VGS = 0
VDS = 0 to 640 V
TJ = 25 °C
10
pF
Table 6: Supply section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
High voltage start-up current source
VBVDSS_SU
Breakdown voltage of
start-up MOSFET
TJ = 25 °C
800
V
VHV_START
Drain-source start-up
voltage
18
V
RG
Start-up resistor
VFB > VFB_REF
VDRAIN = 400 V
VDRAIN = 600 V
22
30
38
MΩ
ICH1
VCC charging current at
startup
VDRAIN = 100 V
VCC = 0 V
1.4
1.9
2.4
mA
ICH2
VCC charging current at
startup
VFB > VFB_REF
VDRAIN = 100 V
VCC = 6 V
3.5
4.5
5.5
ICH3(1)
Max. VCC charging
current in self-supply
VFB > VFB_REF
VDRAIN =100 V
VCC = 6 V
7.6
8.8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com