Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER013HSTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # VIPER013HSTR
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER013HSTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VIPER013HSTR Datasheet HTML 16Page - STMicroelectronics VIPER013HSTR Datasheet HTML 17Page - STMicroelectronics VIPER013HSTR Datasheet HTML 18Page - STMicroelectronics VIPER013HSTR Datasheet HTML 19Page - STMicroelectronics VIPER013HSTR Datasheet HTML 20Page - STMicroelectronics VIPER013HSTR Datasheet HTML 21Page - STMicroelectronics VIPER013HSTR Datasheet HTML 22Page - STMicroelectronics VIPER013HSTR Datasheet HTML 23Page - STMicroelectronics VIPER013HSTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
General description
VIPer01
20/36
DocID028751 Rev 1
If the converter is operated at FOSC_MIN, the IC is turned off after the time tOVL_MAX (100 ms or
200 ms or 400 ms typ., depending on FOSC) and then automatically restarted with soft-start
phase, after the time tRESTART (1 s, typ.).
The protection is intended to avoid the so called "flux-runaway" condition often present at
converter startup and due to the fact that the primary MOSFET, which is turned on by the
internal oscillator, cannot be turned off before than the minimum on-time.
During the on-time, the inductor is charged by the input voltage and if it cannot be
discharged by the same amount during the off-time, in every switching cycle there is an
increase of the average inductor current, that can reach dangerously high values until the
output capacitor is not charged enough to ensure the inductor discharge rate needed for
the volt-second balance. This condition may happen at converter startup, because of the
low output voltage.
In the following Figure 28: "Pulse-skipping during startup" the effect of pulse-skipping
feature on the DRAIN peak current shape is shown (solid line), compared with the DRAIN
peak current shape when pulse-skipping feature is not implemented (dashed line).
Providing more time for cycle-by-cycle inductor discharge when needed, this feature is
effective by keeping low the maximum DRAIN peak current avoiding the flux-runaway
condition.
Figure 28: Pulse-skipping during startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com