Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7808 Datasheet(PDF) 1 Page - Seme LAB

Part # LM7808
Description  8 VOLT POSITIVE VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM7808 Datasheet(HTML) 1 Page - Seme LAB

  LM7808 Datasheet HTML 1Page - Seme LAB LM7808 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
FEATURES
• HERMETIC TO220 METAL OR CERAMIC
SURFACE MOUNT PACKAGES
• SCREENING OPTIONS AVAILABLE
• ALL LEADS ISOLATED FROM CASE
(METAL PACKAGE)
• 8 VOLT REGULATOR
8 VOLT POSITIVE
VOLTAGE REGULATOR
• OUTPUT CURRENT UP TO 1.5A
• THERMAL OVERLOAD PROTECTION
• SHORT CIRCUIT PROTECTION
• OUTPUT TRANSISTOR SOA PROTECTION
Vi
DC Input Voltage
IO
Output Current
PD
Power Dissipation
Tj
Junction Temperature
Tstg
Storage Temperature
35V
Internally limited
Internally limited
150°C
–65 to 150°C
MECHANICAL DATA
Dimensions in mm
PIN 1 - Input
PIN 2 -Ground
PIN 3 - Output
TO220M
- TO220 Metal Package - Isolated
SMD1
- Ceramic Surface Mount Package
Also available in TO39 Package.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Prelim. 7/00
LM7808
LAB
SEME
2. 54
BSC
10. 6
3. 6
Dia.
0. 8
4. 6
1. 0
2. 70
BS C
12 3
3. 60 ( 0. 142)
Ma x .
3. 70 ( 0. 146)
3. 41 ( 0. 134)
3. 70 ( 0. 146)
3. 41 ( 0. 134)
0. 89
( 0 . 035)
mi n .
9. 67 ( 0. 381)
9. 38 ( 0. 369)
11. 58 ( 0 . 4 56)
11. 28 ( 0 . 4 44)
0. 50 ( 0. 020)
0. 26 ( 0. 010)
13
2


Similar Part No. - LM7808

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM7808 ETC-LM7808 Datasheet
175Kb / 6P
1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7808 FAIRCHILD-LM7808 Datasheet
516Kb / 28P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7808 FAIRCHILD-LM7808 Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7808 FCI-LM7808 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
logo
Tiger Electronic Co.,Lt...
LM7808 TGS-LM7808 Datasheet
74Kb / 1P
3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7808

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Sensitron
SHD526011 SENSITRON-SHD526011 Datasheet
43Kb / 2P
FIXED POSITIVE 5.0 VOLT REGULATOR
logo
Zetex Semiconductors
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Sensitron
SHD526154 SENSITRON-SHD526154 Datasheet
53Kb / 3P
POSITIVE FIXED 3.3 VOLT 3.0 AMP VOLTAGE REGULATOR
SHD52627 SENSITRON-SHD52627 Datasheet
36Kb / 2P
POSITIVE 5 VOLT VERY LOW DROPOUT VOLTAGE REGULATOR
SHD526011 SENSITRON-SHD526011_08 Datasheet
42Kb / 2P
FIXED POSITIVE 5.0 VOLT REGULATOR
SHD526193 SENSITRON-SHD526193 Datasheet
40Kb / 2P
POSITIVE 15 VOLT VERY LOW DROPOUT VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
AUGUST 1996
ZSAT500 DIODES-ZSAT500 Datasheet
88Kb / 6P
5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
DECEMBER 1995
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com