Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7808 Datasheet(PDF) 2 Page - Seme LAB

Part # LM7808
Description  8 VOLT POSITIVE VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM7808 Datasheet(HTML) 2 Page - Seme LAB

  LM7808 Datasheet HTML 1Page - Seme LAB LM7808 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VO
DVO
DVO
Id
DId
DVO
DT
eN
SVR
Vd
Isc
Iscp
Tj = 25°C
IO = 5mA to 1A
PO £ 15W
Tj = 25°C
IO = 5mA to 1.5A
Tj = 25°C
IO = 250 to 750 mA
Tj = 25°C
Tj = 25°C
IO = 5mA to 1A
IO = 5mA
B = 10Hz to 100kHz
Tj = 25°C
f = 100Hz
IO = 1A
Tj = 25°C
DVO = 100mV
VI = 35V
Tj = 25°C
Tj = 25°C
7.7
8
8.3
7.6
8
8.4
(Vi = 11.6 to 23V)
80
(Vi = 10.5 to 25V)
40
(Vi = 11 to 17V)
100
50
8
0.5
1
(Vi = 11.5 to 25V)
–1
40
62
(Vi = 11.5 to 21.5V)
2
750
2.2
INPUT VOLTAGE
(unless otherwise specified)
14
8
Output Voltage
Line Regulation
Load Regulation
Quiescent Current
Quiescent Current Change
Output Voltage Drift
Output Noise Voltage
Supply Voltage Rejection
Dropout Voltage
Short Circuit Current
Short Circuit Peak Current
OUTPUT VOLTAGE
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless stated)
THERMAL DATA
RTHj-case
Thermal Resistance Junction – Case
Max. 3°C / W
RTHj-amb
Thermal Resistance Junction – Ambient
Max. 50°C / W
Prelim. 7/00
LAB
SEME
V
mV
mV
mA
mA
mV
/
°C
mV
dB
V
mA
A
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
LM7808



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com