Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI414YI Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDI414YI
Description  14 Ampere Low-Side Ultrafast MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI414YI Datasheet(HTML) 3 Page - IXYS Corporation

  IXDI414YI Datasheet HTML 1Page - IXYS Corporation IXDI414YI Datasheet HTML 2Page - IXYS Corporation IXDI414YI Datasheet HTML 3Page - IXYS Corporation IXDI414YI Datasheet HTML 4Page - IXYS Corporation IXDI414YI Datasheet HTML 5Page - IXYS Corporation IXDI414YI Datasheet HTML 6Page - IXYS Corporation IXDI414YI Datasheet HTML 7Page - IXYS Corporation IXDI414YI Datasheet HTML 8Page - IXYS Corporation IXDI414YI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
IXDN414PI / N414CI / N414CM / N414YI / N414YM
IXDI414PI / I414CI / I414CM / I414YI / I414YM
Param eter
Value
Supply Voltage
25V
All Other Pins
-0.3V to
VCC + 0.3V
Power Dissipation
TCASE
≤85oC: TO220 (CI), TO263 (YI)
16W
TCASE
≤125oC: TO220 (CM), TO263 (YM)
16W
Power Dissipation, TAMBIENT
≤25oC
8 Pin PDIP (PI)
975mW
TO220 (CI, CM), TO263 (YI, YM)
2W
Derating Factors (to Am bient)
8 Pin PDIP (PI)
7.6mW /oC
TO220 (CI, CM), TO263 (YI, YM)
0.1W /oC
Storage Temperature
-65oC to 150oC
Soldering Lead Tem perature
(10 seconds m axim um )
300oC
Unless otherwise noted, T
A = 25
oC, 4.5V
≤ V
CC ≤
25V .
All voltage measurements with respect to GND. Device configured as described in Test Conditions.
Electrical Characteristics
Absolute Maximum Ratings (Note 1)
Operating Ratings
Parameter
Value
Maximum Junction Temperature
150oC
Operating Temperature Range
-40oC to 85oC
Thermal Impedance (Junction To Case)
TO220 (CI, CM),
TO263 (YI, YM) (
θJC)
0.55oC/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
3.5
V
VIL
Low input voltage
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
IIN
Input current
0V
≤ V
IN
≤ V
CC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
Output resistance
@ Output high
IOUT = 10mA, VCC = 18V
600
1000
m
Ω
ROL
Output resistance
@ Output Low
IOUT = 10mA, VCC = 18V
600
1000
m
Ω
IPEAK
Peak output current
VCC is 18V
14
A
IDC
Continuous output
current
8 Pin Dip (PI) (Limited by pkg power dissipation)
TO220 (CI), TO263 (YI)
3
4
A
A
tR
Rise time
(1)
CL=15nF Vcc=18V
22
27
ns
tF
Fall time
(1)
CL=15nF Vcc=18V
20
25
ns
tONDLY
On-time propagation
delay
(1)
CL=15nF Vcc=18V
30
33
ns
tOFFDLY
Off-time propagation
delay
(1)
CL=15nF Vcc=18V
31
34
ns
VCC
Power supply voltage
4.5
18
25
V
ICC
Power supply current
VIN = 3.5V
VIN = 0V
VIN = + VCC
1
0
3
10
10
mA
µA
µA
(1)
See Figures 3a and 3b
Specifications subject to change without notice
Note 1: Operating the device beyond parameters with listed “Absolute Maximum Ratings” may cause permanent damage to the device.
Typical values indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. The
guaranteed specifications apply only for the test conditions listed. Exposure to absolute maximum rated conditions for extended periods may
affect device reliability.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD procedures when handling
and assembling this component.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com