Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI414YI Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDI414YI
Description  14 Ampere Low-Side Ultrafast MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI414YI Datasheet(HTML) 5 Page - IXYS Corporation

  IXDI414YI Datasheet HTML 1Page - IXYS Corporation IXDI414YI Datasheet HTML 2Page - IXYS Corporation IXDI414YI Datasheet HTML 3Page - IXYS Corporation IXDI414YI Datasheet HTML 4Page - IXYS Corporation IXDI414YI Datasheet HTML 5Page - IXYS Corporation IXDI414YI Datasheet HTML 6Page - IXYS Corporation IXDI414YI Datasheet HTML 7Page - IXYS Corporation IXDI414YI Datasheet HTML 8Page - IXYS Corporation IXDI414YI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
IXDN414PI / N414CI / N414CM / N414YI / N414YM
IXDI414PI / I414CI / I414CM / I414YI / I414YM
Typical Performance Characteristics
Max / Min Input vs. Case Temperature
V
CC=18V CL=15nF
Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
1.6
1.8
2.2
2.4
2.6
2.8
3.2
2.0
3.0
MaximumInput Low
MinimumInput High
Fall Time vs. Load Capacitance
Load Capacitance (pF)
0k
5k
10k
15k
20k
0
10
20
30
40
18V
8V
10V
12V
14V
16V
Rise Time vs. Load Capacitance
Load Capacitance (pF)
0k
5k
10k
15k
20k
0
10
20
30
40
50
18V
8V
10V
12V
14V 16V
Rise And Fall Times vs. Case Temperature
C
L = 15 nF, Vcc = 18V
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
35
40
tF
tR
Rise Time vs. Supply Voltage
Supply Voltage (V)
8
10121416
18
0
10
20
30
40
CL=15,000 pF
7,500 pF
3,600 pF
Fall Time vs. Supply Voltage
Supply Voltage (V)
8
1012141618
0
10
20
30
40
CL=15,000 pF
7,500 pF
3,600 pF
Fig. 4
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Fig. 9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com