Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2937 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2937
Description  500 mA Low Dropout Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2937 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2937 Datasheet HTML 3Page - National Semiconductor (TI) LM2937 Datasheet HTML 4Page - National Semiconductor (TI) LM2937 Datasheet HTML 5Page - National Semiconductor (TI) LM2937 Datasheet HTML 6Page - National Semiconductor (TI) LM2937 Datasheet HTML 7Page - National Semiconductor (TI) LM2937 Datasheet HTML 8Page - National Semiconductor (TI) LM2937 Datasheet HTML 9Page - National Semiconductor (TI) LM2937 Datasheet HTML 10Page - National Semiconductor (TI) LM2937 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Hints
EXTERNAL CAPACITORS
The output capacitor is critical to maintaining regulator stabil-
ity, and must meet the required conditions for both ESR
(Equivalent Series Resistance) and minimum amount of ca-
pacitance.
MINIMUM CAPACITANCE:
The minimum output capacitance required to maintain stabil-
ity is 10 µF (this value may be increased without limit).
Larger values of output capacitance will give improved tran-
sient response.
ESR LIMITS:
The ESR of the output capacitor will cause loop instability if
it is too high or too low. The acceptable range of ESR plotted
versus load current is shown in the graph below.
It is essen-
tial that the output capacitor meet these requirements,
or oscillations can result.
It is important to note that for most capacitors, ESR is speci-
fied only at room temperature. However, the designer must
ensure that the ESR will stay inside the limits shown over the
entire operating temperature range for the design.
For aluminum electrolytic capacitors, ESR will increase by
about 30X as the temperature is reduced from 25˚C to
−40˚C. This type of capacitor is not well-suited for low tem-
perature operation.
Solid tantalum capacitors have a more stable ESR over tem-
perature, but are more expensive than aluminum electrolyt-
ics. A cost-effective approach sometimes used is to parallel
an aluminum electrolytic with a solid Tantalum, with the total
capacitance split about 75/25% with the Aluminum being the
larger value.
If two capacitors are paralleled, the effective ESR is the par-
allel of the two individual values. The “flatter” ESR of the Tan-
talum will keep the effective ESR from rising as quickly at low
temperatures.
HEATSINKING
A heatsink may be required depending on the maximum
power dissipation and maximum ambient temperature of the
application. Under all possible operating conditions, the junc-
tion temperature must be within the range specified under
Absolute Maximum Ratings.
To determine if a heatsink is required, the power dissipated
by the regulator, P
D, must be calculated.
The figure below shows the voltages and currents which are
present in the circuit, as well as the formula for calculating
the power dissipated in the regulator:
The next parameter which must be calculated is the maxi-
mum allowable temperature rise, T
R (max). This is calcu-
lated by using the formula:
T
R (max) = TJ(max) − TA (max)
where: T
J (max)
is the maximum allowable junction tem-
perature, which is 125˚C for commercial
grade parts.
T
A (max)
is the maximum ambient temperature
which will be encountered in the applica-
tion.
Using the calculated values for T
R(max) and PD, the maxi-
mum allowable value for the junction-to-ambient thermal re-
sistance,
θ
(J−A), can now be found:
θ
(J−A) =TR (max)/PD
IMPORTANT: If the maximum allowable value for
θ
(J−A) is
found to be
≥ 53˚C/W for the TO-220 package, ≥ 80˚C/W for
the TO-263 package, or
≥174˚C/W for the SOT-223 pack-
age, no heatsink is needed since the package alone will dis-
sipate enough heat to satisfy these requirements.
If the calculated value for
θ
(J−A)falls below these limits, a
heatsink is required.
HEATSINKING TO-220 PACKAGE PARTS
The TO-220 can be attached to a typical heatsink, or se-
cured to a copper plane on a PC board. If a copper plane is
to be used, the values of
θ
(J−A) will be the same as shown in
the next section for the TO-263.
If a manufactured heatsink is to be selected, the value of
heatsink-to-ambient thermal resistance,
θ
(H−A), must first be
calculated:
θ
(H−A) = θ(J−A) − θ(C−H) − θ(J−C)
Where:
θ
(J−C)
is defined as the thermal resistance from
the junction to the surface of the case. A
value of 3˚C/W can be assumed for
θ
(J−C)
for this calculation.
θ
(C−H)
is defined as the thermal resistance be-
tween the case and the surface of the heat-
sink. The value of
θ
(C−H)
will vary from
about 1.5˚C/W to about 2.5˚C/W (depend-
ing on method of attachment, insulator,
etc.). If the exact value is unknown, 2˚C/W
should be assumed for
θ
(C−H).
When a value for
θ
(H−A) is found using the equation shown,
a heatsink must be selected that has a value that is less than
or equal to this number.
Output Capacitor ESR
DS011280-24
FIGURE 1. ESR Limits
DS011280-27
IIN =IL ÷IG
PD =(VIN −VOUT)IL +(VIN)IG
FIGURE 2. Power Dissipation Diagram
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com