Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2937 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2937
Description  500 mA Low Dropout Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2937 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2937 Datasheet HTML 1Page - National Semiconductor (TI) LM2937 Datasheet HTML 2Page - National Semiconductor (TI) LM2937 Datasheet HTML 3Page - National Semiconductor (TI) LM2937 Datasheet HTML 4Page - National Semiconductor (TI) LM2937 Datasheet HTML 5Page - National Semiconductor (TI) LM2937 Datasheet HTML 6Page - National Semiconductor (TI) LM2937 Datasheet HTML 7Page - National Semiconductor (TI) LM2937 Datasheet HTML 8Page - National Semiconductor (TI) LM2937 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagram and Ordering Information (Continued)
Temperature
Range
Output Voltage
NSC
Package
5.0
8.0
10
12
15
Package
Drawing
−40˚C
≤ T
J ≤ 125˚C
LM2937ES-5.0
LM2937ES-8.0
LM2937ES-10
LM2937ES-12
LM2937ES-15
TS3B
TO-263
LM2937ET-5.0
LM2937ET-8.0
LM2937ET-10
LM2937ET-12
LM2937ET-15
T03B
TO-220
−40˚C
≤ T
J ≤ 85˚C
LM2937IMP-5.0
LM2937IMP-8.0
LM2937IMP-10
LM2937IMP-12
LM2937IMP-15
MP04A
SOT-223
LM2937IMPX-5.0 LM2937IMPX-8.0
LM2937IMPX-10
LM2937IMPX-12
LM2937IMPX-15
MP04A
SOT-223
in Tape
and Reel
SOT-223 Package
Markings
L71B
L72B
L73B
L74B
L75B
The small physical size of the SOT-223 package does not allow sufficient space to provide the complete device part number. The actual devices will be labeled with
the package markings shown.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com