Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP25 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MP25
Description  Power Rheostats
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MP25 Datasheet(HTML) 1 Page - Vishay Siliconix

  MP25 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Document Number: 66104
Revision 25-Aug-00
www.vishay.com
6
MP25
Vishay Angstrohm
FEATURES
• Diameter 3 5/32" [80.17mm]
• Depth behind panel 1 1/2" [38.10mm]
• Shaft 1/4" [6.35mm] diameter
• Rotation 300
° ± 5°
• Weight 0.594 pounds (268 grams)
• Mounts on panels up to 1/4" [6.35mm] by means of a 3/8" [9.52mm], 32 bushing
and hex nut
• Non-turn lugs require 3/16" [4.76mm] hole, 1/2" [12.70mm] below center of shaft -
Model "A" shaft
• U. L. Listed, File No. E51076
Power Rheostats
100 Watt
— Resistance value
— Amps
— Date code
MARKING
MP25
MODEL
NOTE: For Additional Features: Submit detailed drawing information when ordering “non-standard” parts.
A
BUSHING AND SHAFT CONFIGURATION
25
VALUE
ORDERING INFORMATION
MAXIMUM
AMPS
TOTAL
OHMS
14.140
10.000
7.071
5.774
4.472
3.652
3.162
2.582
2.000
1.414
1.155
1.000
0.707
0.557
0.500
0.447
0.365
0.316
0.224
0.200
0.141
0.115
0.100
0.5
1.0
2.0
3.0
5.0
7.5
10.0
15.0
25.0
50.0
75.0
100.0
200.0
300.0
400.0
500.0
750.0
1000.0
2000.0
2500.0
5000.0
7500.0
10000.0
30
30
56
66
56
66
104
113
144
180
180
216
252
252
252
324
396
410
410
410
685
820
820
APPROXIMATE
STEPS
RESISTANCE VALUES*
11/32 [8.73]
5/8 [15.88]
1/2 [12.70]
5/8
[15.88]
TYPE B: 1/2 [12.70], 11/32 [8.73]
Models. Slotted shaft with standard
bushing for 1/8 [3.18] panel.
TYPE C: 3/4 [19.05], 5/8 [15.88]
Models. Locking bushing with
slotted shaft for 1/4 [6.35] panel.
TYPE E: 27/32 [21.43], 11/32 [8.73]
Models. Std. bushing and flatted shaft
w/screwdriver slot for 1/8 [3.18] panel.
11/32 [8.73]
27/32
[21.43]
3/4
[19.05]
1/2
[12.70]
SPECIAL SHAFTS in inches [millimeters]
* All other intermediate resistance values are available
and can be manufactured on a normal delivery cycle.
TYPE D: 5/8 [15.88], 1/2 [12.70]
Models. Locking bushing with
slotted shaft for 1/8 [3.18] panel.
DIMENSIONS in inches [millimeters]
Angstrohm rheostat standard
wattage ratings are based on a
300
°C rise in “free-air” in ambient not
exceeding + 40
°C (shown). For
other applications, wattage ratings
are available based on 340
°C rise in
"free-air" in ambient not exceeding
+ 25
°C, and in other cases + 50°C.
DERATING
AMBIENT TEMP. DEG. CENTIGRADE
40
100
150
200
250
300
350
120
100
80
60
40
20
0
A = Standard Flatted Shaft
7/8
[22.22]
3/32
[2.38]
1 1/2
[38.10]
Dial # 548
2 1/4 [57.15]
Knob # 552
3/4
[19.05]
2 1/64
[51.20]
3 5/32
[80.17]
Dia.
2 1/16
[52.39] R
(3) .162 [4.11] Holes
1 1/2
[38.10]
3/8 [9.52]
1/16
[1.59]
1/4
[6.35]
7/32
[5.56]
1/2
[12.70]
3/8
[9.52]


Similar Part No. - MP25

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP25 CHENG-YI-MP25 Datasheet
156Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
Mercury United Electron...
MP25 MERCURY-MP25 Datasheet
116Kb / 1P
Surface Mount Crystals
logo
EUROQUARTZ limited
MP25 EUROQUARTZ-MP25 Datasheet
135Kb / 1P
Frequency range 3.20MHz to 70.0MHZ
logo
Apex Electronics Co., L...
MP25 APEX-ELECTRONICS-MP25 Datasheet
1Mb / 4P
Mtal pushbutton switch, 1 million cycles, IP67, IK08
MP25-A0F100-00 APEX-ELECTRONICS-MP25-A0F100-00 Datasheet
1Mb / 4P
Mtal pushbutton switch, 1 million cycles, IP67, IK08
More results

Similar Description - MP25

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MP06 VISHAY-MP06 Datasheet
67Kb / 2P
Power Rheostats
25-Aug-00
MP30 VISHAY-MP30 Datasheet
83Kb / 2P
Power Rheostats 150 Watt
25-Aug-00
MP10A1500 VISHAY-MP10A1500 Datasheet
81Kb / 2P
Power Rheostats
25-Aug-00
logo
Molex Electronics Ltd.
45714-0001 MOLEX-45714-0001 Datasheet
205Kb / 2P
Power Edge??Power Connector
logo
Ohmite Mfg. Co.
RCLR50E OHMITE-RCLR50E Datasheet
231Kb / 2P
Rheostats
logo
Siemens Semiconductor G...
6EP1332-1SH52 SIEMENS-6EP1332-1SH52 Datasheet
3Mb / 44P
Power supply LOGO!Power
logo
Ohmite Mfg. Co.
RHS1K0E OHMITE-RHS1K0E Datasheet
233Kb / 2P
Rheostats (Potentiometers) Wirewound
logo
Microsemi Corporation
APT5014BLLG MICROSEMI-APT5014BLLG Datasheet
2Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
APT30M70BVFRG MICROSEMI-APT30M70BVFRG Datasheet
9Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
logo
Shenzhen Huazhimei Semi...
HM6N90 HMSEMI-HM6N90 Datasheet
479Kb / 9P
ATX Power, LED Power
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com