Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2941 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2941
Description  1A Low Dropout Adjustable Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2941 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2941 Datasheet HTML 1Page - National Semiconductor (TI) LM2941 Datasheet HTML 2Page - National Semiconductor (TI) LM2941 Datasheet HTML 3Page - National Semiconductor (TI) LM2941 Datasheet HTML 4Page - National Semiconductor (TI) LM2941 Datasheet HTML 5Page - National Semiconductor (TI) LM2941 Datasheet HTML 6Page - National Semiconductor (TI) LM2941 Datasheet HTML 7Page - National Semiconductor (TI) LM2941 Datasheet HTML 8Page - National Semiconductor (TI) LM2941 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Performance Characteristics (Continued)
Definition of Terms
Dropout Voltage: The input-voltage differential at which the
circuit ceases to regulate against further reduction in input
voltage. Measured when the output voltage has dropped
100 mV from the nominal value obtained at (V
OUT + 5V) in-
put, dropout voltage is dependent upon load current and
junction temperature.
Input Voltage: The DC voltage applied to the input terminals
with respect to ground.
Input-Output Differential: The voltage difference between
the unregulated input voltage and the regulated output volt-
age for which the regulator will operate.
Line Regulation: The change in output voltage for a change
in the input voltage. The measurement is made under condi-
tions of low dissipation or by using pulse techniques such
that the average chip temperature is not significantly af-
fected.
Load Regulation: The change in output voltage for a
change in load current at constant chip temperature.
Long Term Stability: Output voltage stability under acceler-
ated life-test conditions after 1000 hours with maximum
rated voltage and junction temperature.
Output Noise Voltage: The rms AC voltage at the output,
with constant load and no input ripple, measured over a
specified frequency range.
Low Voltage Behavior
DS008823-21
Low Voltage Behavior
DS008823-22
Output Capacitor ESR
DS008823-23
Output at
Voltage Extremes
DS008823-24
Output at
Voltage Extremes
DS008823-25
Peak Output Current
DS008823-26
Maximum Power
Dissipation (TO-220)
DS008823-27
Maximum Power
Dissipation (TO-3)
DS008823-28
Maximum Power
Dissipation
(TO-263) (Note 3)
DS008823-29
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com