Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2941 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2941
Description  1A Low Dropout Adjustable Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2941 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2941 Datasheet HTML 1Page - National Semiconductor (TI) LM2941 Datasheet HTML 2Page - National Semiconductor (TI) LM2941 Datasheet HTML 3Page - National Semiconductor (TI) LM2941 Datasheet HTML 4Page - National Semiconductor (TI) LM2941 Datasheet HTML 5Page - National Semiconductor (TI) LM2941 Datasheet HTML 6Page - National Semiconductor (TI) LM2941 Datasheet HTML 7Page - National Semiconductor (TI) LM2941 Datasheet HTML 8Page - National Semiconductor (TI) LM2941 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2941/LM2941C
1A Low Dropout Adjustable Regulator
General Description
The LM2941 positive voltage regulator features the ability to
source 1A of output current with a typical dropout voltage of
0.5V and a maximum of 1V over the entire temperature
range. Furthermore, a quiescent current reduction circuit has
been included which reduces the ground pin current when
the differential between the input voltage and the output volt-
age exceeds approximately 3V. The quiescent current with
1A of output current and an input-output differential of 5V is
therefore only 30 mA. Higher quiescent currents only exist
when the regulator is in the dropout mode (V
IN −VOUT ≤ 3V).
Designed also for vehicular applications, the LM2941 and all
regulated circuitry are protected from reverse battery instal-
lations or two-battery jumps. During line transients, such as
load dump when the input voltage can momentarily exceed
the specified maximum operating voltage, the regulator will
automatically shut down to protect both the internal circuits
and the load. Familiar regulator features such as short circuit
and thermal overload protection are also provided.
Features
n Output voltage adjustable from 5V to 20V
n Dropout voltage typically 0.5V @ IO = 1A
n Output current in excess of 1A
n Trimmed reference voltage
n Reverse battery protection
n Internal short circuit current limit
n Mirror image insertion protection
n P
+ Product Enhancement tested
n TTL, CMOS compatible ON/OFF switch
Connection Diagram and Ordering Information
TO-220 Plastic Package
DS008823-2
Front View
Order Number LM2941T or LM2941CT
See NS Package Number TO5A
TO-263 Surface-Mount Package
DS008823-8
DS008823-9
Order Number LM2941S or LM2941CS
See NS Package Number TS5B
16-Lead Ceramic Dual-in-Line Package
DS008823-31
Top View
Order Number LM2941J/883
5962-9166701QEA
See NS Package Number J16A
16-Lead Ceramic Surface Mount Package
DS008823-32
Front View
Order Number LM2941WG/883
5962-9166701QYA
See NS Package Number WG16A
June 1999
© 1999 National Semiconductor Corporation
DS008823
www.national.com


Similar Part No. - LM2941

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2941 ETC-LM2941 Datasheet
196Kb / 5P
1.25A High Current Low Dropout
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941 TI1-LM2941 Datasheet
3Mb / 26P
LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941 TI1-LM2941 Datasheet
3Mb / 30P
1A Low Dropout Adjustable Regulator
LM2941-MD8 TI1-LM2941-MD8 Datasheet
3Mb / 30P
1A Low Dropout Adjustable Regulator
More results

Similar Description - LM2941

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G1117 GMT-G1117 Datasheet
293Kb / 9P
1A Adjustable Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
1A Adjustable Low-Dropout Regulator
logo
Texas Instruments
LM2941QML-SP TI-LM2941QML-SP_15 Datasheet
371Kb / 15P
LM2941QML 1A Low Dropout Adjustable Regulator
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
1A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
LM2941 TI1-LM2941_16 Datasheet
3Mb / 30P
1A Low Dropout Adjustable Regulator
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com