Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2886X Datasheet(PDF) 2 Page - OSRAM GmbH

Part # 2886X
Description  Original spare parts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

2886X Datasheet(HTML) 2 Page - OSRAM GmbH

  2886X Datasheet HTML 1Page - OSRAM GmbH 2886X Datasheet HTML 2Page - OSRAM GmbH 2886X Datasheet HTML 3Page - OSRAM GmbH 2886X Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Electrical data
Power input
6 W
Nominal voltage
12.0 V
Nominal wattage
6.00 W
Power input tolerance
±10 %
Test voltage
13.5 V
Photometrical data
Luminous flux
85 lm
Luminous flux tolerance
±20 %
Dimensions & weight
Length
26.8 mm
Diameter
10.0 mm
Product weight
1.35 g
Lifespan
Lifespan B3
400 h
Lifespan Tc
1000 h
Additional product data
Base (standard designation)
W2.1x9.5d
Certificates & standards
ECE category
-
Country specific categorizations
Product datasheet
__
December 14, 2016, 04:25:55
© 2016, OSRAM GmbH. All rights reserved.
2886X
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com