Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2886X Datasheet(PDF) 4 Page - OSRAM GmbH

Part # 2886X
Description  Original spare parts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

2886X Datasheet(HTML) 4 Page - OSRAM GmbH

  2886X Datasheet HTML 1Page - OSRAM GmbH 2886X Datasheet HTML 2Page - OSRAM GmbH 2886X Datasheet HTML 3Page - OSRAM GmbH 2886X Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4008321094667
2886X
Unpacked
1
24 mm x 10 mm x
10 mm
0.00 dm³
2.00 g
4008321094674
2886X
Folding carton box
10
21 mm x 46 mm x
114 mm
0.11 dm³
24.00 g
4008321094681
2886X
Shipping carton box
50
148 mm x 55 mm x
115 mm
0.94 dm³
149.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 14, 2016, 04:25:55
© 2016, OSRAM GmbH. All rights reserved.
2886X
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com