Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2984 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2984
Description  Microprocessor Power Supply System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2984 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2984 Datasheet HTML 1Page - National Semiconductor (TI) LM2984 Datasheet HTML 2Page - National Semiconductor (TI) LM2984 Datasheet HTML 3Page - National Semiconductor (TI) LM2984 Datasheet HTML 4Page - National Semiconductor (TI) LM2984 Datasheet HTML 5Page - National Semiconductor (TI) LM2984 Datasheet HTML 6Page - National Semiconductor (TI) LM2984 Datasheet HTML 7Page - National Semiconductor (TI) LM2984 Datasheet HTML 8Page - National Semiconductor (TI) LM2984 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Electrical Characteristics (Continued)
V
IN = 14V, IOUT = 5 mA, Ibuf = 5 mA, Istby = 5 mA, Rt = 130 kΩ,Ct = 0.33 µF, Cmon = 0.47 µF, unless otherwise indicated,
Boldface type refers to limits over the entire operating temperature range, −40˚C
≤ T
A ≤ +125˚C, all other limits are for TA = TJ
= 25˚C (Note 8)
Parameter
Conditions
Typical
Limit
Units
(Note 4)
Computer Monitor/Reset Functions
Reset Rise Time
R
rst = 10k, Vrst = 5V, Crst ≤ 10 pF
0.60
1.00/1.50
µs
max
On/Off Switch Input
V
ON = 2.4V
7.5
25/25
µA
max
Current (Pin 8)
V
ON = 0.4V
0.01
10/10
µA
max
On/Off Switch Input
1.22
0.80/0.80
V
min
Threshold Voltage
1.22
2.00/2.00
V
max
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its specified operating ratings.
Note 3: Thermal resistance without a heatsink for junction-to-case temperature is 3˚C/W. Thermal resistance case-to-ambient is 40˚C/W.
Note 4: Tested Limits are guaranteed and 100% production tested.
Note 5: Human body model, 100 pF capacitor discharged through a 1500
Ω resistor.
Note 6: Internal comparators detect when the main regulator output (VOUT) changes from the measured output voltage (with VIN = 14V) by the specified amount,
∆VOUT High or ∆VOUT Low, and set the Reset Error Flag low. The Reset Error Flag is held low until VOUT returns to regulation. The Reset Error Flag is then allowed
to go high again after a delay set by Rtand Ct. (see application section).
Note 7: This parameter is a measure of how short a pulse can be detected at the µP Monitor Input. This parameter is primarily influenced by the value of Cmon. (See
Application Hints Section.)
Note 8: To ensure constant junction temperature, low duty cycle pulse testing is used.
Block Diagram
DS011252-2
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com