Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2984 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2984
Description  Microprocessor Power Supply System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2984 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2984 Datasheet HTML 7Page - National Semiconductor (TI) LM2984 Datasheet HTML 8Page - National Semiconductor (TI) LM2984 Datasheet HTML 9Page - National Semiconductor (TI) LM2984 Datasheet HTML 10Page - National Semiconductor (TI) LM2984 Datasheet HTML 11Page - National Semiconductor (TI) LM2984 Datasheet HTML 12Page - National Semiconductor (TI) LM2984 Datasheet HTML 13Page - National Semiconductor (TI) LM2984 Datasheet HTML 14Page - National Semiconductor (TI) LM2984 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Typical Performance Characteristics (Continued)
Application Hints
OUTPUT CAPACITORS
The LM2984 output capacitors are required for stability.
Without them, the regulator outputs will oscillate, sometimes
by many volts. Though the 10 µF shown are the minimum
recommended values, actual size and type may vary de-
pending upon the application load and temperature range.
Capacitor effective series resistance (ESR) also affects the
IC stability. Since ESR varies from one brand to the next,
some bench work may be required to determine the mini-
mum capacitor value to use in production. Worst case is usu-
ally determined at the minimum ambient temperature and
the maximum load expected.
Output capacitors can be increased in size to any desired
value above the minimum. One possible purpose of this
would be to maintain the output voltages during brief condi-
tions of negative input transients that might be characteristic
of a particular system.
Capacitors must also be rated at all ambient temperatures
expected in the system. Many aluminum type electrolytics
will freeze at temperatures less than −30˚C, reducing their
Ripple Rejection (V
OUT)
DS011252-49
Ripple Rejection (V
buf)
DS011252-50
Ripple Rejection (V
stby)
DS011252-51
Output Voltage
DS011252-8
Device Dissipation vs
Ambient Temperature
DS011252-9
Output Capacitor ESR
(Standby Output, Pin 9)
DS011252-10
Output Capacitor ESR
(Buffer Output, Pin 10)
DS011252-11
Output Capacitor ESR
(Main Output, Pin 11)
DS011252-12
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com