Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4SD8M16 Datasheet(PDF) 1 Page - Micross Components

Part # AS4SD8M16
Description  Self Refresh Mode
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD8M16 Datasheet(HTML) 1 Page - Micross Components

  AS4SD8M16 Datasheet HTML 1Page - Micross Components AS4SD8M16 Datasheet HTML 2Page - Micross Components AS4SD8M16 Datasheet HTML 3Page - Micross Components AS4SD8M16 Datasheet HTML 4Page - Micross Components AS4SD8M16 Datasheet HTML 5Page - Micross Components AS4SD8M16 Datasheet HTML 6Page - Micross Components AS4SD8M16 Datasheet HTML 7Page - Micross Components AS4SD8M16 Datasheet HTML 8Page - Micross Components AS4SD8M16 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
SDRAM
AS4SD8M16
AS4SD8M16
Rev. 1.6 March 27, 2015
Micross Components reserves the right to change products or specifications without notice.
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
V
DD
DQ0
V
DDQ
DQ1
DQ2
V
SSQ
DQ3
DQ4
V
DDQ
DQ5
DQ6
V
SSQ
DQ7
V
DD
DQML
WE\
CAS\
RAS\
CS\
BA0
BA1
A10
A0
A1
A2
A3
V
DD
V
SS
DQ15
V
SSQ
DQ14
DQ13
V
DDQ
DQ12
DQ11
V
SSQ
DQ10
DQ9
V
DDQ
DQ8
V
SS
NC
DQMH
CLK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
Vss
FEATURES
• Full Military temp (-55°C to 125°C) processing available
• Configuration: 8 Meg x 16 (2 Meg x 16 x 4 banks)
• Fully synchronous; all signals registered on positive
edge of system clock
• Internal pipelined operation; column address can be
changed every clock cycle
• Internal banks for hiding row access/precharge
• Programmable burst lengths: 1, 2, 4, 8 or full page
• Auto Precharge, includes CONCURRENT AUTO
PRECHARGE and Auto Refresh Modes
• Self Refresh Mode (IT & ET)
• 64ms, 4,096-cycle refresh (IT)
• 24ms 4,096 cycle recfresh (XT)
• WRITE Recovery (t
WR = “2 CLK”)
• LVTTL-compatible inputs and outputs
• Single +3.3V ±0.3V power supply
OPTIONS
MARKING
•
Plastic Package
54-pin TSOPII (400 mil)
DG No. 901
(Pb/Sn finish or RoHS available)
•
Timing (Cycle Time)
7.5ns @ CL = 3 (PC133) or
-75
10ns @ CL = 2 (PC100)
•
Operating Temperature Ranges
-Industrial Temp (-40°C to 85° C)
IT
-Enhanced Temp (-40°C to +105°C)
ET
-Military Temp (-55°C to 125°C)
XT
*Off-center parting line
**CL = CAS (READ) latency
PIN ASSIGNMENT
(Top View)
54-Pin TSOP
Note: “\” indicates an active low.
128 Mb: 8 Meg x 16 SDRAM
Synchronous DRAM Memory
For more products and information
please visit our web site at www.micross.com
KEY TIMING PARAMETERS
SPEED
CLOCK
SETUP
HOLD
GRADE FREQUENCY CL = 2** CL = 3**
TIME
TIME
-75
133 MHz
–
5.4ns
1.5ns
0.8ns
-75
100 MHz
6ns
–
1.5ns
0.8ns
ACCESS TIME
Configuration
2 Meg x 16 x 4 banks
Refresh Count
4K
Row Addressing
4K (A0-A11)
Bank Addressing
4 (BA0, BA1)
Column Addressing
512 (A0-A8)
8 Meg x 16
Package may or may not be
assembled with a location notch.


Similar Part No. - AS4SD8M16

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4SD8M16 AUSTIN-AS4SD8M16 Datasheet
6Mb / 51P
128 Mb: 8 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD8M16DG-75/ET AUSTIN-AS4SD8M16DG-75/ET Datasheet
6Mb / 51P
128 Mb: 8 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD8M16DG-75/IT AUSTIN-AS4SD8M16DG-75/IT Datasheet
6Mb / 51P
128 Mb: 8 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD8M16DG-75/XT AUSTIN-AS4SD8M16DG-75/XT Datasheet
6Mb / 51P
128 Mb: 8 Meg x 16 SDRAM Synchronous DRAM Memory
More results

Similar Description - AS4SD8M16

ManufacturerPart #DatasheetDescription
logo
Winbond
W94AD6KB WINBOND-W94AD6KB Datasheet
1Mb / 60P
Standard Self Refresh Mode
W949D6DB WINBOND-W949D6DB Datasheet
1Mb / 60P
Standard Self Refresh Mode
W989D6DB WINBOND-W989D6DB Datasheet
868Kb / 64P
Standard Self Refresh Mode
W989D6KB WINBOND-W989D6KB Datasheet
1Mb / 66P
Standard Self Refresh Mode
logo
Integrated Silicon Solu...
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
Auto Refresh and Self Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com