Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4SD8M16 Datasheet(PDF) 28 Page - Micross Components

Part # AS4SD8M16
Description  Self Refresh Mode
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD8M16 Datasheet(HTML) 28 Page - Micross Components

Back Button AS4SD8M16 Datasheet HTML 24Page - Micross Components AS4SD8M16 Datasheet HTML 25Page - Micross Components AS4SD8M16 Datasheet HTML 26Page - Micross Components AS4SD8M16 Datasheet HTML 27Page - Micross Components AS4SD8M16 Datasheet HTML 28Page - Micross Components AS4SD8M16 Datasheet HTML 29Page - Micross Components AS4SD8M16 Datasheet HTML 30Page - Micross Components AS4SD8M16 Datasheet HTML 31Page - Micross Components AS4SD8M16 Datasheet HTML 32Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
SDRAM
AS4SD8M16
AS4SD8M16
Rev. 1.6 March 27, 2015
Micross Components reserves the right to change products or specifications without notice.
28
CAPACITANCE2
PARAMETER
SYM
MIN
MAX
UNITS
NOTES
Input Capacitance: CLK
CI1
2
3.5
pF
29
Input Capacitance: All other input-only pins
CI2
2
3.5
pF
30
Input/Output Capacitance: DQs
CIO
4.0
6.0
pF
31
AC FUNCTIONAL CHARACTERISTICS5,6,7,8,9,11
SYMBOL
-75
UNITS
NOTES
tCCD
1
tCK
17
tCKED
1
tCK
14
tPED
1
tCK
14
tDQD
0
tCK
17
tDQM
0
tCK
17
tDQZ
2
tCK
17
tDWD
0
tCK
17
tDAL
5
tCK
15, 21
tDPL
2
tCK
16, 21
tBDL
1
tCK
17
tCDL
1
tCK
17
tRDL
2
tCK
16, 21
tMRD
2
tCK
26
CL = 3
tROH(3)
3
tCK
17
CL = 2
tROH(2)
2
tCK
17
PARAMETER
LOAD MODE REGISTER command to ACTIVE or REFRESH command
Data-out to high-impedance from PRECHARGE command
DQM to input data delay
CKE to clock enable or power-down exit setup mode
CKE to clock disable or power-down entry mode
READ/WRITE command to READ/WRITE command
DQM to data high-impedance during READs
WRITE command to input data delay
Data-in to ACTIVE command
DQM to data mask during WRITEs
Last data-in to PRECHARGE command
Last data-in to new READ/WRITE command
Last data-in to burst STOP command
Data-in to PRECHARGE command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com