Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4DDR264M72PBG1-3/XT Datasheet(PDF) 13 Page - Micross Components

Part # AS4DDR264M72PBG1-3/XT
Description  Proprietary Enchanced Die Stacked iPEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR264M72PBG1-3/XT Datasheet(HTML) 13 Page - Micross Components

Back Button AS4DDR264M72PBG1-3/XT Datasheet HTML 9Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 10Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 11Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 12Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 13Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 14Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 15Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 16Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 17Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
iPEM
4.8 Gb SDRAM-DDR2
AS4DDR264M72PBG1
AS4DDR264M72PBG1
Rev. 3.1 01/10
13
Micross Components reserves the right to change products or specifications without notice.
EXTENDED MODE REGISTER 2
The extended mode register 2 (EMR2) controls functions
beyond those controlled by the mode register. Currently all
bits in EMR2 are reserved, as shown in Figure 8. The EMR2
is programmed via the LM command and will retain the stored
information until it is programmed again or the device loses
power. Reprogramming the EMR will not alter the contents of
the memory array, provided it is performed correctly.
EMR2 must be loaded when all banks are idle and no bursts are
in progress, and the controller must wait the specified time tMRD
before initiating any subsequent operation. Violating either of
these requirements could result in unspecified operation.
EXTENDED MODE REGISTER 3
The extended mode register 3 (EMR3) controls functions
beyond those controlled by the mode register. Currently, all
bits in EMR3 are reserved, as shown in Figure 9. The EMR3
is programmed via the LM command and will retain the stored
information until it is programmed again or the device loses
power. Reprogramming the EMR will not alter the contents of
the memory array, provided it is performed correctly.
EMR3 must be loaded when all banks are idle and no bursts
are in progress, and the controller must wait the specifi ed time
t
MRD before initiating any subsequent operation. Violating
either of these requirements could result in unspecified
operation.
COMMAND TRUTH TABLES
The following tables provide a quick reference of DDR2 SDRAM
available commands, including CKE power-down modes, and
bank-to-bank commands.
FIGURE 9 - EXTENDED MODE REGISTER 3 (EMR3) DEFINITION
Notes:
1. E16 (BA2) is only applicable for densities >1Gb, is reserved for future use, and must be pro-
E14
0
1
0
1
Mode Register Set
Mode register (MR)
Extended mode register (EMR)
Extended mode register (EMR2)
Extended mode register (EMR3)
E15
0
0
1
1
A9
A7 A6 A5 A4 A3
A8
A2
A1 A0
Extended mode
register (Ex)
Address bus
97
6
5
4
3
82
1
0
A10
A12 A11
BA0
BA1
10
11
12
n
0
14
15
An
2
MRS
0
0
0
0
0
0
0
0
0
0
0
0
0
BA2
1
16
0
Notes:
1.Mode bits (En) with corresponding address balls (An) greater than A12 are reserved for future use and must be programmed to “0.”
2.E16 (BA2) must be programmed to “0” on this device and is reserved for future use.
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com