Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4DDR264M72PBG1-3/XT Datasheet(PDF) 21 Page - Micross Components

Part # AS4DDR264M72PBG1-3/XT
Description  Proprietary Enchanced Die Stacked iPEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR264M72PBG1-3/XT Datasheet(HTML) 21 Page - Micross Components

Back Button AS4DDR264M72PBG1-3/XT Datasheet HTML 17Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 18Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 19Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 20Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 21Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 22Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 23Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 24Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 25Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
iPEM
4.8 Gb SDRAM-DDR2
AS4DDR264M72PBG1
AS4DDR264M72PBG1
Rev. 3.1 01/10
21
Micross Components reserves the right to change products or specifications without notice.
Parameter
Symbol
Units
Notes
Supply Voltage
VCC
V
I/O Reference Voltage
VREF
V1
I/O Termination Voltag
VTT
V2
MIN
TYP
MAX
1.7
1.8
1.9
VREF
0.51 x VCC
VREF + 0.04
0.49 x VCC
VREF - 0.04
0.50 x VCC
DC OPERATING CONDITIONS
1. VREF is expected to equal VCC/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise on VREF may not exceed ± 1 percent of the DC value. Peak-to-
peak AC noise on VREF may not exceed ±2 percent of VREF. This measurement is to be taken at the
nearest VREF bypass capacitor.
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF and must track
variations in the DC level of VREF.
ABSOLUTE MAXIMUM RATINGS
Min
Max
Unit
-1.0
2.3
V
-0.5
2.3
V
-55.0
125.0
oC
-55.0
125.0
oC
-5
5
uA
-10
10
uA
5
5
Voltage on any pin relative to V SS
Storage Temperature
RAS\, CAS\, WE\, CS\,
CKE, DM, DQS, DQS\,
RDQS
Device Operating Temperature
-5
uA
uA
uA
DM
-10.0
10.0
-5
-5
5uA
TCASE
ADDR, BAx
CK, CK\
IVREF
II
Input Leakage current; Any input 0V<VIN<VCC;
VREF = .5XVCC; Other balls not under test = 0V
VREF Leakage Current
IOZ
OV
VOUT
VDD, DQ & ODT Disabled
Symbol
Parameter
VCC
VIN, VOUT
TSTG
Voltage on VCC pin relative to V SS
INPUT / OUTPUT CAPACITANCE
T
A = 25
o
C, f = 1 MHz, V
CC = 1.8V
Parameter
Symbol
Max
Unit
Input capacitance (A0-A12, BA0-BA2, CS\, RAS\, CAS\, WE\, CKE, ODT)
CADDR
25
pF
Input capacitance CK, CK#
CIN2
8pF
Input capacitance DM, DQS, DQS#
CIN3
10
pF
Input capacitance DQ0-71
COUT
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com