Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9922 Datasheet(PDF) 8 Page - Microchip Technology

Part # HV9922
Description  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9922 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HV9922 Datasheet HTML 4Page - Microchip Technology HV9922 Datasheet HTML 5Page - Microchip Technology HV9922 Datasheet HTML 6Page - Microchip Technology HV9922 Datasheet HTML 7Page - Microchip Technology HV9922 Datasheet HTML 8Page - Microchip Technology HV9922 Datasheet HTML 9Page - Microchip Technology HV9922 Datasheet HTML 10Page - Microchip Technology HV9922 Datasheet HTML 11Page - Microchip Technology HV9922 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
HV9921/HV9922/HV9923
DS20005311A-page 8
 2014 Microchip Technology Inc.
FIGURE 4-1:
CONDUCTION LOSS
COEFFICIENTS KC AND Kd
4.3
EMI Filter
As with all off-line converters, selecting an input filter is
critical to obtaining good EMI. A switching side capaci-
tor, albeit of small value, is necessary in order to ensure
low impedance to the high frequency switching cur-
rents of the converter. As a rule of thumb, this capacitor
should be approximately 0.1-0.2 μF/W of LED output
power. A recommended input filter is shown in
Figure 4-2 for the following design example.
4.3.1
DESIGN EXAMPLE
The following example designs a HV9921 LED lamp
driver meeting the following specifications:
• Input: Universal AC, 85-265VAC
• Output Current: 20mA
• Load: String of 10 LED (LW541C by OSRAM VF
= 4.1V max. each)
4.3.1.1
Step 1. Calculating L1.
The output voltage VO = 10 x VF ≈ 41V (max.). Use this
equation assuming a 30% peak-to-peak ripple.
Select L1 68mH, I = 30mA. Typical SRF = 170KHz.
Calculate the coil capacitance.
4.3.1.2
Step 2. Selecting D1
Usually, the reverse recovery characteristics of ultra-
fast rectifiers at IF = 20 ~ 50mA are not provided in the
manufacturer’s data books. The designer may want to
experiment with different diodes to achieve the best
result.
Select D1 MUR160 with VR = 600V, trr ≈ 20ns (IF =
20mA, IRR = 100mA) and CJ ≈ 8pF (VF > 50V).
4.3.1.3
Step 3. Calculating total parasitic
capacitance
4.3.1.4
Step 4. Calculating the leading edge
spike duration
4.3.1.5
Step 5. Estimating power dissipation
in HV9921 at 265VAC
Switching power loss:
Minimum duty ratio:
Conduction power loss:
Total power dissipation in HV9921:
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Kd(Dm)
Kc(Dm)
Dm
L1 41V 10.5s
0.3 20mA
---------------------------------- 72mH
=
=
CL
1
L1
2
 SRF

2
------------------------------------------
1
68mH
2
 170KHz

2
------------------------------------------------------------- 13pF
=
==
Cp 5pF 5pF 13pF 8pF 13pF
=
++
+
=
TSPIKE
264V
2 31pF
100mA
-------------------------------------------- 20ns 136ns TBLANK MIN

+
=
PSWITCH
1
2 10.5
s
-------------------------- 264V 31pF 2 100mA 20ns
+

264V 41V
–
131mW
DM
41V
265V
2
-------------------------- 0.11
=
PCOND 0.25 20mA

2
210
0.63 200
A 264V
55mW
+
=
PTOTAL 131mW 55mW 186mW
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com