Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9922 Datasheet(PDF) 9 Page - Microchip Technology

Part # HV9922
Description  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9922 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HV9922 Datasheet HTML 5Page - Microchip Technology HV9922 Datasheet HTML 6Page - Microchip Technology HV9922 Datasheet HTML 7Page - Microchip Technology HV9922 Datasheet HTML 8Page - Microchip Technology HV9922 Datasheet HTML 9Page - Microchip Technology HV9922 Datasheet HTML 10Page - Microchip Technology HV9922 Datasheet HTML 11Page - Microchip Technology HV9922 Datasheet HTML 12Page - Microchip Technology HV9922 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
 2014 Microchip Technology Inc.
DS20005311A-page 9
HV9921/HV9922/HV9923
4.3.1.6
Step 6. Selecting input capacitor CIN
Select CIN ECQ-E4104KF by Panasonic® (0.1μF,
400V, Metalized Polyester Film).
FIGURE 4-2:
UNIVERSAL 85-264VAC LED LAMP DRIVER
FIGURE 4-3:
TYPICAL EFFICIENCY
FIGURE 4-4:
SWITCH-OFF TRANSITION
Ch1:VDRAIN, Ch3: IDRAIN
OutputPower 41V 20mA 820mW
=
=
C
IN
AC Line
85-265V
C
DD
3
HV9921/22/23
D1
L1
LED
1 - LED12
D2
D3
D4
D5
C
IN2
L
IN
VRD1
F1
C
O
VDD
DRAIN
GND
1
2
75
100
125
150
175
200
225
250
275
82
80
78
76
74
72
70
68
66
64
62
Input AC Line Voltage (VAC)
ZERO VOLTAGE
TRANSITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com