Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7184F Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 17Page - Infineon Technologies AG TLE7184F Datasheet HTML 18Page - Infineon Technologies AG TLE7184F Datasheet HTML 19Page - Infineon Technologies AG TLE7184F Datasheet HTML 20Page - Infineon Technologies AG TLE7184F Datasheet HTML 21Page - Infineon Technologies AG TLE7184F Datasheet HTML 22Page - Infineon Technologies AG TLE7184F Datasheet HTML 23Page - Infineon Technologies AG TLE7184F Datasheet HTML 24Page - Infineon Technologies AG TLE7184F Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
TLE7184F
Interface, VDH Switch and INH Digital Output
Data Sheet
21
Rev. 1.2, 2016-01-28
8
Interface, VDH Switch and INH Digital Output
8.1
PWM Interface (IFMA)
The TLE7184F has an integrated interface supporting the typical PWM interface between a remote master ECU
and the µC. The link to the external master ECU is a single wire communication based on the battery voltage and
running typ. with about 10 to 400 Hz. The information is encoded in the duty cycle of the signal.
This communication line requires a signal conditioning to connect to the on board µC.
The integrated circuit supports the incoming data path.
The outgoing data path is formed by external components
Figure 9
Structure PWM Interface
The integrated circuitry is described in Figure 9.
The main task of this interface is level shifting and protection of the µC.
The IFuC signal is following the IFMA signal, passing the duty cycle information from IFMA to the IFuC.
The µC port is used as input and is listening to the IFuC signal. The voltage at IFMA is monitored. If IFMA is low
the IFuC open drain output is switched on - forcing the IFuC signal to low.
If IFMA is high, the IFuC open drain output is deactivated and the IFuC signal is pulled to high by the internal pull-
up resistor.
The IFMA input is used as well for wake-up. See Chapter 9.1
Influence of serial resistor at IFMA pin
As shown in Figure 9 a 10k resistor R1 is recommended to protect the IFMA pin against negative voltage levels
coming from the interface signal. The integrated pull down and pull up resistors at the IFMA pin form a voltage
divider together with the resistor R1. This will influence the resulting switching level of the IFMA interface in the
application compared to the levels specified directly at the IFMA pin.
In this datasheet an additional parameter is provided to calculate the influence of the 10k resistor. The specified
IFMA input current divided by Vs allows to calculate the drop over R1 with the following formula:
uC
Interface_uC
GND
TLE 7184 F
KL 30
Pull up
interface
ECU
T3
T1
VDD
VCC
IFuC
IFMA
T2
Wake up
R1
10k
VS
VS
700k
340k
1
*
*
1
_
_
_
R
V
V
I
R
over
drop
Voltage
VS
VS
IFMA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com