Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7184F Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 18Page - Infineon Technologies AG TLE7184F Datasheet HTML 19Page - Infineon Technologies AG TLE7184F Datasheet HTML 20Page - Infineon Technologies AG TLE7184F Datasheet HTML 21Page - Infineon Technologies AG TLE7184F Datasheet HTML 22Page - Infineon Technologies AG TLE7184F Datasheet HTML 23Page - Infineon Technologies AG TLE7184F Datasheet HTML 24Page - Infineon Technologies AG TLE7184F Datasheet HTML 25Page - Infineon Technologies AG TLE7184F Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Data Sheet
22
Rev. 1.2, 2016-01-28
TLE7184F
Interface, VDH Switch and INH Digital Output
8.2
VDHS Switch
The System IC has an integrated switch connecting the VDH pin to the VDHS pin. This allows to place an external
voltage divider for VDH voltage monitoring at the VDHS pin and to disconnect this voltage divider from VDH during
sleep mode to assure low current consumption. The VDHS switch is only deactivated when the VDD regulator is
switched off.
8.3
Digital Output INHD
The System IC provides a digital output INHD showing the logic state of INH (e.g. KL15) after a complete wake-
up of the driver (approx. 1ms). The input levels of INH for the INHD output are defined separately from the levels
for wake-up. Voltage levels for INH wake-up function please see Chapter 9.4 section Wake-up and go-to-sleep.
The output stage consists of an integrated low side switch with a pull-up resistor to VDD.
8.4
Electrical Characteristics
Electrical Characteristics - Protection and diagnostic functions
V
S = 6.0 to 20V, Tj = -40 °C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Interface - static parameters
8.4.1
IFMA input voltage high level
(for IFµC high)
V
IMHL
59
––%
of
V
VS; IC not in
Sleep Mode
8.4.2
IFMA input voltage low level
(for IFµC low)
V
IMLL
––
46
%
of
V
VS; IC not in
Sleep Mode;
8.4.3
IFMA input hysteresis
(for IFµC)
V
IMhy
0.5
–9%
of
V
VS; IC not in
Sleep Mode
8.4.4
IFMA wake up voltage high level
=
V
S-VIFMA
V
IMWH
2
–
4
V
valid in Sleep Mode
8.4.5
IFMA low time to guarantee wake-
up
t
IFlow
100
––µs
V
VS=7...20V
8.4.6
IFMA internal pull-up resistor to
V
S
R
IMu
210
340
495
k
Ω
–
8.4.7
IFMA internal pull-down resistor to
GND
R
IMd
420
700
980
k
Ω
not active in Sleep
Mode
8.4.8
IFMA input current related to VS
V
IFMA = 59% of VVS
V
IFMA = 46% of VVS
I
IFMA/VVS
-2.0
-3.0
–
–
+2.0
+1.0
µA/V
–
8.4.9
IFµC output low voltage
V
IuLL
–
–
0.5
V
no external load
8.4.10
IFµC internal pull-up resistor to
V
DD RIu
8.5
–
23
k
Ω
–
Interface - dynamic parameters
8.4.11
IFµC duty cycle
d
Iu
0–
100
%
–
8.4.12
Propagation time rising edge IFµC
t
PRE
–
–
6
µs
Including rise time
to 80% of
V
VDD;
C
load=100pF
8.4.13
Propagation time falling edge IFµC
t
PFE
–
–
5
µs
Including fall time to
20% of
V
VDD;
Cload=100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com