Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183SCD1 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7183SCD1
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD1 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7183SCD1 Datasheet HTML 2Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 3Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 4Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 5Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 6Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 7Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 8Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 9Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TLE7183F
Pin Configuration
Data Sheet
6
2.2, 2016-01-27
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1
SL3
Connection to source low side switch 3
2
GND
Logic and power ground
3
VO
Output of OpAmp for shunt signal amplification
4
ISN
- Input of OpAmp for shunt signal amplification
5
ISP
+ Input of OpAmp for shunt signal amplification
6
VRI
Input of bias reference amplifier
7
VRO
Output of bias reference amplifier
8
AGND
Analog ground especially for the current sense OpAmp
9
VTHOC
Threshold voltage for overcurrent detection
10
TP
test pin, connect to GND of driver IC
11
DT
Dead time program pin
12
INH
Inhibit pin (active low)
13
IL3
Input for low side switch 3 (active high)
14
IH3
Input for high side switch 3 (active low)
15
U_fb
Digital logic representation of the voltage phase U; positive logic
16
V_fb
Digital logic representation of the voltage phase V; positive logic
17
W_fb
Digital logic representation of the voltage phase W; positive logic
18
ENA1
Enable pin (active high)
19
ENA2
Enable pin (active high)
20
GND
Logic and power ground
21
IL1
Input for low side switch 1 (active high)
22
IH1
Input for high side switch 1 (active low)
23
IL2
Input for low side switch 2 (active high)
24
IH2
Input for high side switch 2 (active low)
25
ERR1
Error signal 1
26
ERR2
Error signal 2
27
CH2
+ terminal for pump capacitor of charge pump 2
28
CH1
+ terminal for pump capacitor of charge pump 1
29
CL1
- terminal for pump capacitor of charge pump 1
30
VS
Voltage supply
31
CL2
- terminal for pump capacitor of charge pump 2
32
GND
Logic and power ground
33
CB1
Buffer capacitor for charge pump 1
34
VDH
Connection to drain of high side switches for short circuit detection
35
GL1
Output to gate low side switch 1
36
SL1
Connection to source low side switch 1
37
GND
Logic and power ground
38
SH1
Connection to source high side switch 1
39
GH1
Output to gate high side switch 1
40
CB2
Buffer capacitor for charge pump 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com