Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183SCD1 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7183SCD1
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD1 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7183SCD1 Datasheet HTML 4Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 5Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 6Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 7Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 8Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 9Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 10Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 11Page - Infineon Technologies AG TLE7183SCD1 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TLE7183F
General Product Characteristics
Data Sheet
8
2.2, 2016-01-27
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings 1)
40
°C ≤
T
j ≤ 150 °C; all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Supply voltage
VS
-4.0
45
V
with 10Ohm and
1µF
4.1.2
Supply voltage
VS
-0.3
45
V
–
4.1.3
Supply voltage
VS
-0.3
47
V
tp<200ms
4.1.4
Voltage range at IHx,ILx,ERRx, VO, DT,
VTHOC, ENAx, VRI, VRO
VDP
-0.3
6.0
V
–
4.1.5
Voltage range at INH
VINH
-0.3
18.0
V
–
4.1.6
Voltage range at TP
VTP
-0.3
2
V
4.1.7
Voltage range at SLx
VSL
-7
7
V
–
4.1.8
Voltage range at SHx
VSH
-7
45
V
–
4.1.9
Voltage range at GLx
VGL
-7
18
V
–
4.1.10
Voltage range at GHx
VGH
-7
55
V
–
4.1.11
Voltage difference Gxx-Sxx
VGS
-0.3
15
V
–
4.1.12
Voltage range at VDH
VVDH
-0.3
55
V
INH=high
4.1.13
Voltage range at VDH
VVDH
-4.0
55
V
INH=high;
with RVDH >70Ω;
200ms, 5x
4.1.14
Voltage range at VDH
VVDH
-0.3
28
V
INH=low
4.1.15
Voltage range at VDH
VVDH
-4.0
28
V
INH=low;
with RVDH >70Ω;
200ms, 5x
4.1.16
Voltage range at CL1
VCL1
-0.3
25
V
–
4.1.17
Voltage range at CH1, CB1
VCH1
-0.3
25
V
–
4.1.18
Voltage difference CH1-CL1
VDC1
-0.3
25
V
–
4.1.19
Voltage range at CL2
VCL2
-0.3
25
V
–
4.1.20
Voltage range at CH2, CB2
VCH2
-0.3
45
V
–
4.1.21
Voltage difference CH2-CL2
VCP2
-0.3
25
V
–
4.1.22
Voltage range at ISP, ISN
VISI
-5
5
V
–
4.1.23
Output current range at VO
IVO
-20
20
mA
–
4.1.24
Gate resistor
RGate
2–
Ω
–
Temperatures
4.1.25
Junction temperature
Tj
-40
150
°C–
4.1.26
Storage temperature
Tstg
-55
150
°C–
4.1.27
Lead soldering temperature
(1/16’’ from body)
Tsol
–260
°C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com