Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183SCD2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7183SCD2
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7183SCD2 Datasheet HTML 5Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 6Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 7Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 8Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 9Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 10Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 11Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 12Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
9
2.2, 2016-01-27
TLE7183F
General Product Characteristics
Attention: Stresses above the ones listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Attention: Integrated protection functions are designed to prevent IC destruction under fault conditions
described in the data sheet. Fault conditions are considered as “outside” normal operating
range. Protection functions are not designed for continuous repetitive operation.
4.2
Functional Range
4.1.28
Peak reflow soldering temperature2)
Tref
–260
°C–
Thermal Resistance
4.1.29
Junction to case
RthjC
–5
K/W
–
Power Dissipation
4.1.30
Power Dissipation (DC) @
TCASE=125°C
Ptot
–2
W
–
ESD Susceptibility
4.1.31
ESD Resistivity3)
VESD
–2
kV
4.1.32
ESD Resistivity (charge device model)4) VESD
–750
V
1) Not subject to production test, specified by design.
2) Reflow profile IPC/JEDEC J-STD-020C
3) ESD susceptibility HBM according to EIA/JESD 22-A 114B
4) ESD susceptibility CDM according to EIA/JESD 22-C 101
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Supply voltage1)2)
VS
5.5
5.5
20
28
VDC
t<1s
4.2.2
Duty cycle3)
D0
100
%
–
4.2.3
PWM frequency
FPWM
0
25
kHz
Total gate charge
400nC
4.2.4
Quiescent current4)
IQ
–30
µA
VS,VDH<20 V
4.2.5
Quiescent current into VDH
IQ_VDH
–30
µA
VDH<20V;
VS pin open
4.2.6
Supply current at Vs
IVs
–
–
175
175
110
110
mA
FPWM=25kHz
QG=250nC:
VS = 5.5V
VS = 14V
VS = 17V
VS = 20V
4.2.7
Supply current at Vs(device
disabled by ENA)
IVs(o)
–60
50
mA
Vs=5.5V..17V
Vs=17V..20V
4.2.8
Currrent into VDH (device not in
sleep mode)
IVDH
1.5
mA
VVDH=5.5..20V
INH=high
Absolute Maximum Ratings (cont’d)1)
40
°C ≤
T
j ≤ 150 °C; all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com