Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183SCD2 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7183SCD2
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD2 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7183SCD2 Datasheet HTML 17Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 18Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 19Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 20Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 21Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 22Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 23Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 24Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
21
2.2, 2016-01-27
TLE7183F
5.3.1
Electrical Characteristics
Electrical Characteristics - Current sense signal conditioning
V
S = 5.5 to 20V, Tj = -40 to +150°C, FPWM < 25kHz, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.3.1
Series resistors
RS
100
500
1000
Ω
5.3.2
Feedback resistor
Limited by the output voltage
dynamic range
Rfb
2000
7500
Ω
5.3.3
Resistor ratio (gain ratio)
Rfb/RS
5–
15
5.3.4
Steady state differential input
voltage range across VIN1)
VIN(ss)
-400
400
mV
5.3.5
Transient differential input voltage
range across VIN
VIN(tr)
-800
800
mV
5.3.6
Input differential voltage (ISP - ISN) VIDR
-800
800
mV
5.3.7
Input voltage (Both Inputs - GND)
(ISP - GND) or (ISN -GND)
VLL
-800
1500
mV
Vs=5.5..8V
5.3.8
Input voltage (Both Inputs - GND)
(ISP - GND) or (ISN -GND)
VLL
-800
2000
mV
Vs=8..20V
5.3.9
Input offset voltage of the I-DC link
OpAmp
VIO
1
+/-5
mV
RS=500Ω; VCM=0V;
VO=1.65V;
VRI=1.65V
5.3.10
Input offset voltage temperature
drift of the I-DC link OpAmp2)
VIO
12mV
RS=500Ω; VCM=0V;
VO=1.65V;
VRI=1.65V
5.3.11
Input offset voltage of the reference
buffer
VIO
1+/-5
mV
5.3.12
Input offset voltage temperature
drift of the reference buffer2)
VIO
12mV
5.3.13
Input range at VRI
VIO
1.2
2.8
V
5.3.14
Input bias current (ISx to GND)
IIB
––
300
µA
VCM=0V; VO=open
5.3.15
High level output voltage of VO
VOH
4.8
5.2
V
VRI=1.65V/2.5V;
IOH=-3mA
5.3.16
Low level output voltage of VO
VOL
-0.1
0.2
V
VRI=1.65V/2.5V;
IOH=3mA
5.3.17
Output voltage of VO3)
VRI= 2.5V,
VRI=1.65V
VOR
2.42
1.58
2.50
1.65
2.58
1.73
VVIN(SS)=0V;
Gain=15;
5.3.18
Temperature drift of output voltage
of VO3)
VO
0–
32
mV
VIN(SS)=0V;
Gain=15
5.3.19
Output short circuit current
ISC
5
––mA
5.3.20
Differential input resistance2)
RI
100
––k
Ω
5.3.21
Common mode input capacitance2) CCM
10
pF
10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com