Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS58C1001 Datasheet(PDF) 5 Page - Micross Components

Part # AS58C1001
Description  Low power dissipation, active current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS58C1001 Datasheet(HTML) 5 Page - Micross Components

  AS58C1001 Datasheet HTML 1Page - Micross Components AS58C1001 Datasheet HTML 2Page - Micross Components AS58C1001 Datasheet HTML 3Page - Micross Components AS58C1001 Datasheet HTML 4Page - Micross Components AS58C1001 Datasheet HTML 5Page - Micross Components AS58C1001 Datasheet HTML 6Page - Micross Components AS58C1001 Datasheet HTML 7Page - Micross Components AS58C1001 Datasheet HTML 8Page - Micross Components AS58C1001 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
EEPROM
AS58C1001
AS58C1001
Rev. 5.9 11/10
Micross Components reserves the right to change products or specifications without notice.
5
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Supply Relative to Vss................-0.5V to +7.0V1
Voltage on any pin Relative to Vss.......................-0.6V to +7.0V1
Storage Temperature ............................................-65
°C to +150°C
Operating Temperature Range.............................-55oC to +125oC
Soldering Temperature Range...............................................260oC
Maximum Junction Temperature**....................................+150
°C
Power Dissipation...................................................................1.0W
*Stresses greater than those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those indi-
cated in the operation section of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
** Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A < 125
oC; Vcc = 5V +10%)
PARAMETER
CONDITION
SYMBOL
MIN
MAX
UNITS
NOTES
Input High (Logic 1) Voltage
VIH
2.2
VCC + 0.3V
V9
Input Low (Logic 0) Voltage
3
VIL
-0.3
0.8
V
2
Input Voltage (RES\ Pin)
VH
Vcc-0.5
VCC +1.0
V
Input Leakage Current
4
OV < VIN < Vcc
ILI
-2
2
μΑ
4
Output Leakage Current
Output(s) disabled, OV < VOUT < Vcc
ILO
-2
2
μΑ
Output High Voltage
IOH = -400
μA
VOH
2.4
V
Output Low Voltage
IOL = 2.1 mA
VOL
0.4
V
CONDITIONS
SYM
-15
-20
-25
UNITS NOTES
IOUT=OmA, Vcc = 5.5V
Cycle=1
μS, Duty=100%
20
20
20
IOUT=OmA, Vcc = 5.5V
Cycle=MIN, Duty=100%
65
55
50
CE\=Vcc, Vcc = 5.5V
ICC1
350
350
350
μA
CE\=VIH, Vcc = 5.5V
ICC2
333
mA
PARAMETER
MAX
Power Supply Current:
Operating
Power Supply Current:
Standby
ICC3
mA
CAPACITANCE
PARAMETER
CONDITIONS
SYMBOL
MAX
UNITS
NOTES
Input Capacitance
CIN
6pF
Output Capactiance
Co
12
pF
TA = 25
oC, f = 1MHz
VIN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com