Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS58C1001 Datasheet(PDF) 6 Page - Micross Components

Part # AS58C1001
Description  Low power dissipation, active current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS58C1001 Datasheet(HTML) 6 Page - Micross Components

Back Button AS58C1001 Datasheet HTML 2Page - Micross Components AS58C1001 Datasheet HTML 3Page - Micross Components AS58C1001 Datasheet HTML 4Page - Micross Components AS58C1001 Datasheet HTML 5Page - Micross Components AS58C1001 Datasheet HTML 6Page - Micross Components AS58C1001 Datasheet HTML 7Page - Micross Components AS58C1001 Datasheet HTML 8Page - Micross Components AS58C1001 Datasheet HTML 9Page - Micross Components AS58C1001 Datasheet HTML 10Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
EEPROM
AS58C1001
AS58C1001
Rev. 5.9 11/10
Micross Components reserves the right to change products or specifications without notice.
6
AC ELECTRICAL CHARACTERISTICS FOR READ OPERATION
(-55oC < T
C < 125
oC; Vcc = 5V +10%)
Test Conditions
Input Pulse Levels:
0.0V to 3.0V
Input rise and fall times:
< 20ns
Output Load:
1 TTL Gate +100pF (including scope and jig)
Reference levels for measuring timing:
1.5V, 1.5V
AC ELECTRICAL CHARACTERISTICS FOR SOFTWARE DATA
PROTECTION CYCLE OPERATION
AC ELECTRICAL CHARACTERISTICS FOR DATA\ POLLING OPERATION
SYMBOL
MIN
MAX
UNITS
tBLC
0.55
30
μS
tWC
10
---
mS
Byte Load Cycle Time
Write Cycle Time
PARAMETER
SYMBOL
MIN
MAX
UNITS
tOEH
0
---
ns
tOES
0
---
ns
tDW
150
---
ns
tWC
---
10
ms
Output Enable Hold Time
Output Enable to Write Setup Time
Write Start Time
Write Cycle Time
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com