Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWCBLPM1.S1-MZNY-CE Datasheet(PDF) 10 Page - OSRAM GmbH

Part # CWCBLPM1.S1-MZNY-CE
Description  SMD ceramic package with diffused
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CWCBLPM1.S1-MZNY-CE Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button CWCBLPM1.S1-MZNY-CE Datasheet HTML 6Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 7Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 8Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 9Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 10Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 11Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 12Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 13Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2016-01-25
10
Version 1.5
CW CBLPM1.S1
Forward Current 7) page 23 , 8) page 23
Durchlassstrom 7) Seite 23 , 8) Seite 23
IF = f (VF); TJ = 25 °C
Relative Luminous Flux 7) page 23 , 8) page 23
Relativer Lichtstrom 7) Seite 23 , 8) Seite 23
ΦV/ΦV(1000 mA) = f(IF); TJ = 25 °C
Chromaticity Coordinate Shift 7) page 23
Farbortverschiebung 7) Seite 23
Cx, Cy = f(IF); TJ = 25 °C
CW CBLPM1.S1
2.5 2.6
2.8
3.0
3.2
3.4
VF [V]
30
200
400
600
800
1000
1200
1400
1600
1800
2000
IF [mA]
CW CBLPM1.S1
IF [mA ]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
ΦV
ΦV(1000 mA )
CW CBLPM1.S1
IF [mA ]
0,30
0,32
0,34
0,36
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com