Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWCBLPM1.S1-MZNY-CE Datasheet(PDF) 4 Page - OSRAM GmbH

Part # CWCBLPM1.S1-MZNY-CE
Description  SMD ceramic package with diffused
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CWCBLPM1.S1-MZNY-CE Datasheet(HTML) 4 Page - OSRAM GmbH

  CWCBLPM1.S1-MZNY-CE Datasheet HTML 1Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 2Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 3Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 4Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 5Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 6Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 7Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 8Page - OSRAM GmbH CWCBLPM1.S1-MZNY-CE Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2016-01-25
4
Version 1.5
CW CBLPM1.S1
Characteristics (TS = 25 °C; IF = 1000 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 4) page 23
Farbkoordinaten nach CIE 1931 4) Seite 23
(typ.)
(typ.)
Cx
Cy
0.33
0.34
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
120
°
Forward voltage
5) page 23
Durchlassspannung 5) Seite 23
(min.)
(typ.)
(max.)
VF
VF
V
F
2.95
3.05
3.70
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
"Electrical" thermal resistance junction / solder point
6) page 23
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 6) Seite 23
(acc. to JEDEC 51-14 and 51-51, with efficiency
η
e = 27 %)
(typ.)
Rth JS el
8.0
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com