Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517-JXZX Datasheet(PDF) 21 Page - Microchip Technology

Part # USB2517-JXZX
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517-JXZX Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB2517-JXZX Datasheet HTML 17Page - Microchip Technology USB2517-JXZX Datasheet HTML 18Page - Microchip Technology USB2517-JXZX Datasheet HTML 19Page - Microchip Technology USB2517-JXZX Datasheet HTML 20Page - Microchip Technology USB2517-JXZX Datasheet HTML 21Page - Microchip Technology USB2517-JXZX Datasheet HTML 22Page - Microchip Technology USB2517-JXZX Datasheet HTML 23Page - Microchip Technology USB2517-JXZX Datasheet HTML 24Page - Microchip Technology USB2517-JXZX Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 21
USB2517/USB2517I
7.2.1.1
Register 00h: Vendor ID (LSB)
7.2.1.2
Register 01h: Vendor ID (MSB)
7.2.1.3
Register 02h: Product ID (LSB)
FEh
R/W
Port Remap 7
PRTR7
00h
0x00
FFh
R/W
Status/Command
Note:
SMBus register
only
STCD
00h
0x00
Bit
Number
Bit Name
Description
7:0
VID_LSB
Least Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
Bit
Number
Bit Name
Description
7:0
VID_MSB
Most Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
Bit
Number
Bit Name
Description
7:0
PID_LSB
Least Significant Byte of the Product ID. This is a 16-bit value that the Vendor
can assign that uniquely identifies this particular product (assigned by OEM).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
TABLE 7-1:
INTERNAL DEFAULT, EEPROM AND SMBUS REGISTER MEMORY MAP
Reg Addr
R/W
Register Name
Abbr
Internal
Default ROM
SMBus and
EEPROM POR
Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com