Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517-JXZX Datasheet(PDF) 13 Page - Microchip Technology

Part # USB2517-JXZX
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517-JXZX Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB2517-JXZX Datasheet HTML 9Page - Microchip Technology USB2517-JXZX Datasheet HTML 10Page - Microchip Technology USB2517-JXZX Datasheet HTML 11Page - Microchip Technology USB2517-JXZX Datasheet HTML 12Page - Microchip Technology USB2517-JXZX Datasheet HTML 13Page - Microchip Technology USB2517-JXZX Datasheet HTML 14Page - Microchip Technology USB2517-JXZX Datasheet HTML 15Page - Microchip Technology USB2517-JXZX Datasheet HTML 16Page - Microchip Technology USB2517-JXZX Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 13
USB2517/USB2517I
Serial Port Interface
SDA/
SMBDATA/
NON_REM1
40
I/OSD12
Serial Data / SMB Data
NON_REM1: Non-removable port strap option.
If this strap is enabled by package and configuration settings (see
Table 5-2) this pin will be sampled (in conjunction with SUSP_IND/
LOCAL_PWR/NON_REM0) at RESET_N negation to determine if
ports [3:1] contain permanently attached (non-removable) devices:
NON_REM[1:0] = ‘00’, All ports are removable,
NON_REM[1:0] = ‘01’, Port 1 is non-removable,
NON_REM[1:0] = ‘10’, Ports 1 & 2 are non-removable,
NON_REM[1:0] = ‘11’, Ports 1, 2 & 3 are non-removable.
SCL/
SMBCLK/
CFG_SEL0
41
I/OSD12
Serial Clock (SCL)
SMBus Clock (SMBCLK)
Configuration Select_SEL0: The logic state of this multifunctional
pin is internally latched on the rising edge of RESET_N (RESET_N
negation), and will determine the hub configuration method as
described in Table 5-2, "USB2517I SMBUS or EEPROM Interface
Behavior".
HS_IND/
CFG_SEL1
42
I/O12
Hi-Speed Upstream port indicator & Configuration Programming
Select
HS_IND: High Speed Indicator for upstream port connection
speed.
The active state of the LED will be determined as follows:
CFG_SEL1 = ‘0’,
HS_IND is active high,
CFG_SEL1 = ‘1’,
HS_IND is active low,
‘Asserted’ = Hub is connected at HS
‘Negated’ = Hub is connected at FS
CFG_SEL1: The logic state of this pin is internally latched on the
rising edge of RESET_N (RESET_N negation), and will determine
the hub configuration method as described in Table 5-2,
"USB2517I SMBUS or EEPROM Interface Behavior".
CFG_SEL2
13
I
Configuration Programming Select
This pin is not available in all packages; it is held to a logic ‘0’ when
not available.
The logic state of this pin is internally latched on the rising edge of
RESET_N (RESET_N negation), and will determine the hub con-
figuration method as described in Table 5-2, "USB2517I SMBUS
or EEPROM Interface Behavior".
TABLE 5-1:
USB2517/USB2517I PIN DESCRIPTIONS (CONTINUED)
Symbol
64 QFN
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com